Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLDD12P52L68W Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # DLDD12P52L68W
Description  AC Rated 100 ?C Dry HID Lighting Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DLDD12P52L68W Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  DLDD12P52L68W Datasheet HTML 1Page - Cornell Dubilier Electronics DLDD12P52L68W Datasheet HTML 2Page - Cornell Dubilier Electronics DLDD12P52L68W Datasheet HTML 3Page - Cornell Dubilier Electronics DLDD12P52L68W Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type DL AC Rated 100 ºC Dry HID Lighting Capacitors
Ratings
360 Vac
400 Vac
Capacitance
Catalog
Dia.
Ht.
Catalog
Dia.
Ht.
(µF)
Part Number
in (mm) in (mm)
Part Number
in (mm) in (mm)
5
DLBB36P5L68W
1.58 (40) 2.68 (68) DLBB40P5L68W
1.58 (40) 2.68 (68)
6
DLBB36P6L68W
1.58 (40) 2.68 (68) DLBB40P6L68W
1.58 (40) 2.68 (68)
7
DLBB36P7L68W
1.58 (40) 2.68 (68) DLBB40P7L68W
1.58 (40) 2.68 (68)
8
DLBB36P8L68W
1.58 (40) 2.68 (68) DLBB40P8L68W
1.58 (40) 2.68 (68)
8.4
DLBB36P8.4L68W
1.58 (40) 2.68 (68) DLBB40P8.4L68W
1.58 (40) 2.68 (68)
10
DLBB36P10L68W
1.58 (40) 2.68 (68) DLCC40P10L68W
1.77 (45) 2.68 (68)
11
DLBB36P11L68W
1.58 (40) 2.68 (68) DLCC40P11L68W
1.77 (45) 2.68 (68)
12
DLBB36P12L68W
1.58 (40) 2.68 (68) DLDD40P12L68W
1.97 (50) 2.68 (68)
13
DLCC36P13L68W
1.77 (45) 2.68 (68) DLDD40P13L68W
1.97 (50) 2.68 (68)
14
DLCC36P14L68W
1.77 (45) 2.68 (68) DLDD40P14L68W
1.97 (50) 2.68 (68)
15
DLCC36P15L68W
1.77 (45) 2.68 (68) DLCC40P15L68W
1.77 (45) 3.62 (92)
16
DLCC36P16L68W
1.77 (45) 2.68 (68) DLCC40P16L92W
1.77 (45) 3.62 (92)
17
DLCC36P17L68W
1.77 (45) 2.68 (68) DLDD40P17L92W
1.97 (50) 3.62 (92)
17.5
DLDD36P17.5L68W 1.97 (50) 2.68 (68) DLDD40P17.5L92W 1.97 (50) 3.62 (92)
18
DLDD36P18L68W
1.97 (50) 2.68 (68) DLDD40P18L92W
1.97 (50) 3.62 (92)
18.5
DLDD36P18.5L68W 1.97 (50) 2.68 (68) DLDD40P18.5L92W 1.97 (50) 3.62 (92)
20
DLDD36P20L68W
1.97 (50) 2.68 (68) DLDD40P20L92W
1.97 (50) 3.62 (92)
20.5
DLDD36P20.5L68W 1.97 (50) 2.68 (68) DLDD40P20.5L92W 1.97 (50) 3.62 (92)
21
DLDD36P21L68W
1.97 (50) 2.68 (68) DLDD40P21L92W
1.97 (50) 3.62 (92)
22
DLDD36P22L68W
1.97 (50) 2.68 (68) DLCC40P22L117W
1.77 (45) 4.61 (117)
22.5
DLCC36P22.5L92W 1.77 (45) 3.62 (92) DLCC40P22.5L117W 1.77 (45) 4.61 (117)
24
DLDD36P24L92W
1.97 (50) 3.62 (92) DLDD40P24L117W
1.97 (50) 4.61 (117)
24.5
DLDD36P24.5L92W 1.97 (50) 3.62 (92) DLDD40P24.5L117W 1.97 (50) 4.61 (117)
25
DLDD36P25L92W
1.97 (50) 3.62 (92) DLDD40P25L117W
1.97 (50) 4.61 (117)
25.5
DLDD36P25.5L92W 1.97 (50) 3.62 (92) DLDD40P25.5L117W 1.97 (50) 4.61 (117)
26
DLDD36P26L92W
1.97 (50) 3.62 (92) DLDD40P26L117W
1.97 (50) 4.61 (117)
26.5
DLDD36P26.5L92W 1.97 (50) 3.62 (92) DLDD40P26.5L117W 1.97 (50) 4.61 (117)
28
DLDD36P28L92W
1.97 (50) 3.62 (92) DLDD40P28L117W
1.97 (50) 4.61 (117)
30
DLDD36P30L92W
1.97 (50) 3.62 (92) DLDD40P30L117W
1.97 (50) 4.61 (117)
32
DLCC36P32L117W 1.77 (45) 4.61 (117)
34
DLDD36P34L117W 1.97 (50) 4.61 (117)
35
DLDD36P35L117W 1.97 (50) 4.61 (117)
36
DLDD36P36L117W 1.97 (50) 4.61 (117)
40
DLDD36P40L117W 1.97 (50) 4.61 (117)


Similar Part No. - DLDD12P52L68W

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DLDD12P52L68W CDE-DLDD12P52L68W Datasheet
172Kb / 5P
   Round Plastic Case, Insulated Stranded Wire Leads, Metallized Polypropylene
More results

Similar Description - DLDD12P52L68W

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SFP28S5L238K-F CDE-SFP28S5L238K-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
logo
EPCOS
B32427 EPCOS-B32427 Datasheet
202Kb / 5P
   AC Film Capacitors Lighting
B32436 EPCOS-B32436 Datasheet
364Kb / 5P
   AC Film Capacitors Lighting
B32325 EPCOS-B32325 Datasheet
354Kb / 4P
   AC Film Capacitors Lighting
B32326 EPCOS-B32326 Datasheet
332Kb / 5P
   AC Film Capacitors Lighting
logo
Cornell Dubilier Electr...
Z73S4026MN CDE-Z73S4026MN Datasheet
2Mb / 8P
   FILM CAPACITORS FOR HIGH INTENSITY DISCHARGE (HID) AND SIGN BALLAST LIGHTING
logo
NXP Semiconductors
UBA2035 NXP-UBA2035 Datasheet
71Kb / 13P
   HF full bridge control IC for HID lighting
Rev. 01-31 October 2008
UBA2037 NXP-UBA2037 Datasheet
83Kb / 14P
   Full bridge control IC for HID general lighting
Rev. 01-30 October 2008
UBA2036TS NXP-UBA2036TS Datasheet
74Kb / 13P
   Full bridge control IC for HID automotive lighting
Rev. 01-30 October 2008
logo
Cornell Dubilier Electr...
OTB CDE-OTB_17 Datasheet
415Kb / 3P
   DC/AC Dual Rated Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com