Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP356 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # GP356
Description  Disc Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

GP356 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  GP356 Datasheet HTML 1Page - Cornell Dubilier Electronics GP356 Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Types GE, GH, GM, GP Disc Ceramic Capacitors
General Purpose Capacitors
Type G general purpose disc ceramic capacitors are an
ideal choice for low cost, small size and low to high DC
voltage, general purpose, coupling, by-pass and filter-
ing applications.
Highlights
Small size
Conformally coated
Radial leads
General purpose
Long leads
Specifications
RoHS Compliant
Capacitance Range:
5 pF to 22,000 pF
Voltage Range:
50, 100, 500, 1,000 Vdc
Tolerance:
See ratings tables
Operating Temperature Range:
–30 ºC to +85 ºC
Insulation Resistance:
10,000 MΩ minimum
Dissipation Factor:
2.5% max. @ 1 kHz; Y5U: 4% @ 1kHz
Breakdown Voltage:
2.5 x rated voltage for 5 seconds maximum
Lead Length:
1.0 inch minimum
Ratings
Catalog
Temp.
Size
Size
Catalog
Temp.
Size
Size
Cap Part Number Tol.
Coef.
D T S d
D T S d
Cap Part Number Tol.
Coef.
D T S d
D T S d
(pF)
(±)
(Inches)
(Millimeters)
(pF)
(±)
(Inches)
(Millimeters)
50 Vdc
500 Vdc
5
GE050C * .25pF
SL
.157 .118 .098 .016 4.0 3.0 2.5 .4
15
GM150K *
10%
SL
.236 .157 .252 .025 6.0 4.0 6.4 .6
10
GE100D *
.5pF
SL
.157 .118 .098 .016 4.0 3.0 2.5 .4
100
GM101K
10%
Y5P
.236 .157 .252 .025 6.0 4.0 6.4 .6
20
GE200K *
10%
SL
.157 .118 .098 .016 4.0 3.0 2.5 .4
330
GM331K
10%
Y5P
.236 .157 .252 .025 6.0 4.0 6.4 .6
27
GE270K *
10%
SL
.157 .118 .098 .016 4.0 3.0 2.5 .4
470
GM471K *
10%
Y5P
.236 .157 .252 .025 6.0 4.0 6.4 .6
33
GE330K
10%
SL
.157 .118 .098 .016 4.0 3.0 2.5 .4
680
GM681K *
10%
Y5P
.236 .157 .252 .025 6.0 4.0 6.4 .6
68
GE680K *
10%
SL
.157 .118 .098 .016 4.0 3.0 2.5 .4
1,000 GM102K
10%
Y5P
.236 .157 .252 .025 6.0 4.0 6.4 .6
100
GE101K
10%
Y5P
.157 .118 .098 .016 4.0 3.0 2.5 .4
1,000 GM102M * 20%
Y5U
.236 .157 .252 .025 6.0 4.0 6.4 .6
330
GE331K *
10%
Y5P
.157 .118 .098 .016 4.0 3.0 2.5 .4
1,000 GM102Z * -20+80 Y5U
.236 .157 .252 .025 6.0 4.0 6.4 .6
470
GE471K *
10%
Y5P
.157 .118 .098 .016 4.0 3.0 2.5 .4
2,200 GM222K *
10%
Y5P
.339 .157 .250 .025 8.6 4.0 6.4 .6
680
GE681K *
10%
Y5P
.157 .118 .098 .016 4.0 3.0 2.5 .4
3,300 GM332M * 20%
Y5U
.291 .157 .252 .025 7.4 4.0 6.4 .6
1,000 GE102K
10%
Y5P
.197 .118 .098 .016 5.0 3.0 2.5 .4
4,700 GM472K *
10%
Y5P
.492 .157 .252 .025 12.5 4.0 6.4 .6
1,000 GE102M *
20%
Y5T
.157 .118 .098 .016 4.0 3.0 2.5 .4
4,700 GM472M * 20%
Y5U
.339 .157 .252 .025 8.6 4.0 6.4 .6
1,500 GE152K *
10%
Y5P
.197 .118 .098 .016 5.0 3.0 2.5 .4
10,000 GM103K
10%
Y5P
.642 .157 .374 .025 16.3 4.0 9.5 .6
10,000 GE103K *
10%
Y5P
.472 .118 .197 .020 12.0 3.0 5.0 .5
10,000 GM103M * 20%
Y5U
.492 .157 .252 .025 12.5 4.0 6.4 .6
10,000 GE103M *
20%
Y5U
.315 .118 .197 .020 8.0 3.0 5.0 .5
10,000 GM103Z * -20+80 Y5U
.492 .157 .252 .025 12.5 4.0 6.4 .6
22,000 GM223M
20%
Y5U
.642 .157 .374 .025 16.3 4.0 9.5 .6
100 Vdc
22,000 GM223Z
-20+80 Y5U
.642 .157 .374 .025 16.3 4.0 9.5 .6
2,200 GH222M *
20%
Y5U
.236 .118 .252 .025 6.0 3.0 6.4 .6
10,000 GH103M *
20%
Y5U
.374 .118 .252 .025 9.5 3.0 6.4 .6
* Available only until stock is depleted
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - GP356

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GP356 MALLORY-GP356 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results

Similar Description - GP356

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
   Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
   Disc Ceramic Capacitors
logo
Mallory performance clu...
GT415 MALLORY-GT415 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com