Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFD44S60K391B-F Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # SFD44S60K391B-F
Description  Motor-Run and Power Supply Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SFD44S60K391B-F Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  SFD44S60K391B-F Datasheet HTML 1Page - Cornell Dubilier Electronics SFD44S60K391B-F Datasheet HTML 2Page - Cornell Dubilier Electronics SFD44S60K391B-F Datasheet HTML 3Page - Cornell Dubilier Electronics SFD44S60K391B-F Datasheet HTML 4Page - Cornell Dubilier Electronics SFD44S60K391B-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.
cde.com
Type SF Motor-Run and Power Supply Capacitors
Options
Tinplated steel cans are standard. Aluminum
cases are available upon request.
Tighter capacitance tolerances such as ±3% or
±6% are available.
+90 °C ratings are available for HID lighting
and power supply applications.
Discharge resistors are available.
Special terminal lugs such as 2 tines plus 1
fork lug are available.
Dual capacitance values are available for 370
Vac and 440 Vac applications.
Part Numbering System
Hardware and Brackets: See Capacitor Hardware, page 5.000
Ratings - Round -
Cap
Stock
Catalog
Case
H
(µF)
Items
Part Number
Code (Inches)
660 Vac Round 70°C Case Temperature
2.0
*
SFP66S2K238B-F
P
2.38
3.0
*
SFP66S3K238B-F
P
2.38
5.0
*
SFP66S5K238B-F
P
2.38
7.5
*
SFP66S7.5K288B-F
P
2.88
10.0
*
SFP66S10K288B-F
P
2.88
12.5
*
SFS66S12.5K288B-F
S
2.88
15.0
*
SFS66S15K375B-F
S
3.75
17.5
*
SFT66S17.5K391B-F
T
3.91
20.0
*
SFT66S20K391B-F
T
3.91
25.0
*
SFT66S25K491B-F
T
4.91
30.0
*
SFT66S30K491B-F
T
4.91
35.0
*
SFT66S35K491B-F
T
4.91
40.0
*
SFT66S40K491B-F
T
4.91
SF
C
37
S
35
K
291
B
-F
Series
Case
AC Volt
Case Material
Cap
Tol. ±%
Can Height
VAR
RoHS
SF
P = 1 3/4" Round 24 = 240 Vac S = Steel
7 = 7.0 µF L = ±3%
238 = 2.38" A = 2 way 70ºC
Compliant
S = 2.0" Round 37 = 370 Vac T = Aluminum
35 = 35.0 µF H = ±6%
291 = 2.91" B = 4 way 70 ºC
-F = Compliant
T = 2 1/2" Round 44 = 440 Vac
w/steel cover
K = ±10% 388 = 3.88" C = 2 way 90 ºC
Blank = Not
66 = 660 Vac A = All Aluminum
Z = Special 475 = 4.75" D = 4 way 90 ºC
Compliant
X = Other
488 = 4.88" E = Dual 2,3,4 70 ºC
F = Forks 70 ºC
G = Forks 90 ºC
H = Forks 100 ºC
J = Forks, 70 ºC Res.
K = Forks, 90 ºC Res.


Similar Part No. - SFD44S60K391B-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFD400CE40E ETC1-SFD400CE40E Datasheet
369Kb / 10P
   RELAIS HERMETIQUE 2 RT DOUBLE COUPURE 10 A/56 Vcc
SFD45N03L ETC-SFD45N03L Datasheet
1Mb / 7P
   Logic N-Channel MOSFET
logo
SemiWell Semiconductor
SFD45N03L SEMIWELL-SFD45N03L Datasheet
1Mb / 7P
   Logic N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SFD45N03L VBSEMI-SFD45N03L Datasheet
1,015Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SFD44S60K391B-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
PDA37U205M24 CDE-PDA37U205M24 Datasheet
393Kb / 2P
   Leak-Free Motor Run and Power Supply Capacitors
KTSM66U186M3E CDE-KTSM66U186M3E Datasheet
95Kb / 4P
   Type SM Motor-Run and Power Supply Capacitors
6.004
logo
Kemet Corporation
C878BF34300AA4J KEMET-C878BF34300AA4J Datasheet
400Kb / 10P
   Motor Run Capacitors
logo
TDK Electronics
B32329 TDK-B32329_16 Datasheet
128Kb / 8P
   Motor run capacitors
B32328 TDK-B32328_16 Datasheet
128Kb / 8P
   Motor run capacitors
logo
Cornell Dubilier Electr...
MPF CDE-MPF Datasheet
347Kb / 4P
   AC Motor Run Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com