Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFC37S30-15K391E-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SFC37S30-15K391E-F
Description  Dual, Round & Oval, Oil-Filled Motor Run Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SFC37S30-15K391E-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SFC37S30-15K391E-F Datasheet HTML 1Page - Cornell Dubilier Electronics SFC37S30-15K391E-F Datasheet HTML 2Page - Cornell Dubilier Electronics SFC37S30-15K391E-F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SF Dual, Round & Oval, Oil-Filled Motor Run Capacitors
Part Numbering System
Metallized Polypropylene
Type SF dual rated oil filled motor run capacitors made
with self-healing metallized polypropylene film are com-
monly used in air conditioning, motors and compressor
applications. The dual ratings in a single can provide two
capacitors - one may be used as a fan capacitor and the
other as a compressor or motor run capacitor. Three ter-
minals allow one terminal to act as a common while the
other two are connected to the individual capacitors.
The service life objective for the series is 60,000 hours of
operating life with a 94% survival rate when operated at
full voltage, 60 Hz, and rated ambient temperature. AC
capacitors are frequently used at voltages and ambient
temperatures other than rated conditions. Service life
may be estimated under specific conditions of tempera-
ture and voltage by using the curves below.
Highlights
Life vs. Temperature
Life vs. Voltage
Capacitance vs. Temperature
Temperature °C
% of Rated Voltage
% of Rated Temperature
100
60
40
20
0
–20
–40
80
4
2
0
–2
–4
–6
10
100
1000
10000
100000
25
50
75
125
100
Fault current protection up to 10,000 A
Low energy consumption — <0.1% DF
Self healing
UL recognized under E71645
Meets EIA Standard EIA-456-A
60,000 hours life
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance
Temperature Range:
15–5 µF to 80–10 µF
370 Vac and 440 Vac
±10% standard (±6% and ±3% available)
–40 ºC to +70 ºC
SF
C
37
S
15-5
K
291
B
-F
Type
Case
AC Volt
Case Material
Cap
Tol. ±%
Can Height
VAR
RoHS
SF
C = 1 3/4" Oval
37 = 370 Vac S = Steel
15-5 = 15-5 µF
L = ±3%
300 = 3.00" E = Dual 2,3,4 70 ºC
Compliant
D = 2.0" Oval
44 = 440 Vac T = Aluminum
30-20 = 30-20 µF H = ±6%
388 = 3.88" Z = Other
-F = Compliant
X = Other
w/steel cover
50-7.5 = 50-7.5 µF K = ±10%
400 = 4.00"
Blank = Not
S = 2.0" Round
A = All Aluminum
Z = +10 –5% 475 = 4.75"
Compliant
T = 2 1/2" Round
X = Special
Complies with the EU Directive
2 0 0 2 / 9 5 / E C r e q u i r e m e n t
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB)
and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - SFC37S30-15K391E-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SFC37S30K291B-F CDE-SFC37S30K291B-F Datasheet
214Kb / 5P
   Motor-Run and Power Supply Capacitors
More results

Similar Description - SFC37S30-15K391E-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
32FD3701-F CDE-32FD3701-F Datasheet
157Kb / 3P
   AC Motor Run Capacitors Oval and Round, Oil Filled, 70 ?C, Metallized Polypropylene Capacitors
logo
List of Unclassifed Man...
21FD3720 ETC2-21FD3720 Datasheet
168Kb / 4P
   Oval and Round, Oil Filled, 70 C, Metallized Polypropylene Capacitors
logo
Kemet Corporation
C878BF34300AA4J KEMET-C878BF34300AA4J Datasheet
400Kb / 10P
   Motor Run Capacitors
logo
NTE Electronics
MRRC370V4 NTE-MRRC370V4 Datasheet
587Kb / 2P
   ROUND MOTOR RUN AC ELECTROLYTIC
logo
TDK Electronics
B32329 TDK-B32329_16 Datasheet
128Kb / 8P
   Motor run capacitors
B32328 TDK-B32328_16 Datasheet
128Kb / 8P
   Motor run capacitors
logo
Cornell Dubilier Electr...
MPF CDE-MPF Datasheet
347Kb / 4P
   AC Motor Run Capacitors
SFP28S5L238K-F CDE-SFP28S5L238K-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
logo
Illinois Capacitor, Inc...
105MPR350KP ILLINOISCAPACITOR-105MPR350KP Datasheet
388Kb / 6P
   Metallized Polypropylene Motor Run/AC Film Capacitors in Round Tubes
105MER350K ILLINOISCAPACITOR-105MER350K Datasheet
370Kb / 3P
   Metallized Polyester MOTOR RUN/AC Film Capacitors in Round Tubes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com