Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12FA161J-F Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # MC12FA161J-F
Description  Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MC12FA161J-F Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  MC12FA161J-F Datasheet HTML 1Page - Cornell Dubilier Electronics MC12FA161J-F Datasheet HTML 2Page - Cornell Dubilier Electronics MC12FA161J-F Datasheet HTML 3Page - Cornell Dubilier Electronics MC12FA161J-F Datasheet HTML 4Page - Cornell Dubilier Electronics MC12FA161J-F Datasheet HTML 5Page - Cornell Dubilier Electronics MC12FA161J-F Datasheet HTML 6Page - Cornell Dubilier Electronics MC12FA161J-F Datasheet HTML 7Page - Cornell Dubilier Electronics MC12FA161J-F Datasheet HTML 8Page - Cornell Dubilier Electronics MC12FA161J-F Datasheet HTML 9Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Types MC and MCN Multilayer RF Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
4
Typical Performance Curves
Typical Mica Chip E.S.R.
0.001
0.01
0.1
1
10
100
1
10
100
1000
10000
Frequency (MHz)
1pF/100V MC08
10pF/100V MC08
100pF/500V MC12
470pF/500V MC18
470pF/1000V MC22
1000pF/1000V MC22
82906a
Type MC Typical ESR vs. Frequency
Type MC
Current at 60°C Rise
0.0001
0.001
0.01
0.1
1
10
100
1
10
100
1000
10000
Frequency (MHz)
1pF/100V MC08
10pF/100V MC08
100pF/500V MC12
470pF/500V MC18
470pF/1000V MC22
1000pF/1000V MC22
Type MC Maximum RMS Current vs. Frequency


Similar Part No. - MC12FA161J-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MC12FA161J-F CDE-MC12FA161J-F Datasheet
562Kb / 10P
   High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
More results

Similar Description - MC12FA161J-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MCN CDE-MCN Datasheet
562Kb / 10P
   High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
logo
Exxelia Group
CSERIES EXXELIA-CSERIES Datasheet
848Kb / 18P
   High Voltage Chips Capacitors
02/21
logo
Cornell Dubilier Electr...
MCH38FM100D-Y CDE-MCH38FM100D-Y Datasheet
842Kb / 6P
   Multilayer High RF Power Capacitors
logo
Taiyo Yuden (U.S.A.), I...
QVS212CG620JDHT TAIYO-YUDEN-QVS212CG620JDHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG3R3BCHT TAIYO-YUDEN-QVS107CG3R3BCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG2R2CCHT TAIYO-YUDEN-QVS107CG2R2CCHT Datasheet
283Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG1R5BCHT TAIYO-YUDEN-QVS107CG1R5BCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG2R4BCHT TAIYO-YUDEN-QVS107CG2R4BCHT Datasheet
285Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG2R7CCHT TAIYO-YUDEN-QVS107CG2R7CCHT Datasheet
285Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
logo
AVX Corporation
1206AC102KAT2A AVX-1206AC102KAT2A Datasheet
93Kb / 2P
   High Voltage MLC Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com