Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12FA201J-F Datasheet(PDF) 8 Page - Cornell Dubilier Electronics

Part # MC12FA201J-F
Description  Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MC12FA201J-F Datasheet(HTML) 8 Page - Cornell Dubilier Electronics

  MC12FA201J-F Datasheet HTML 1Page - Cornell Dubilier Electronics MC12FA201J-F Datasheet HTML 2Page - Cornell Dubilier Electronics MC12FA201J-F Datasheet HTML 3Page - Cornell Dubilier Electronics MC12FA201J-F Datasheet HTML 4Page - Cornell Dubilier Electronics MC12FA201J-F Datasheet HTML 5Page - Cornell Dubilier Electronics MC12FA201J-F Datasheet HTML 6Page - Cornell Dubilier Electronics MC12FA201J-F Datasheet HTML 7Page - Cornell Dubilier Electronics MC12FA201J-F Datasheet HTML 8Page - Cornell Dubilier Electronics MC12FA201J-F Datasheet HTML 9Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Types MC and MCN Multilayer RF Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
8
Soldering Profiles
Hand Soldering Method
SnAgCu recommended solder
Do not use strong acid type flux with RM or RMA
Soldering iron tip temperature should be
250 ºC to 280 ºC ≤ 5 sec.
60 Watt iron or less
Solder
Solder
Tip of iron
Good
Bad
Capacitor
Reflow Solder Profile
0
50
100
150
200
250
300
0
30
50
150
180
200
Pre-Heat
Soldering
Cooling
Peak: 230 ~ 260°C
220 ~ 260°C
10 sec. max.
Time (sec)
Wave Solder Profile
0
50
100
150
200
250
300
0
20
70
220 ~ 255 °C
5 sec.
max.
Peak: 230 ~ 255 °C
80
90
Pre-Heat
Cooling
Soldering
Time (sec)
Item
Symbol
Case Code
08
12
18
22
Sprocket hole pitch
P1
.157 ±.008 (4.0 ±0.2)
Sprocket hole location
B
.069 ±.008 (1.75 ±0.2)
Hole center to cavity center
C
.138 ±.002 (3.5 ±0.05)
.217±.004 (5.5 ±0.1)
Carrier tape width
D
.315 ±.012 (8.0 ±0.3)
.472 ±.012 (12.0 ±0.3)
Sprocket hole diameter
d
.059
(1.5 )
Cavity pitch
P
0
.157 .004 (4.0 ±0.1)
.315 ±.008 (8.0 ±0.2)
Hole center to cavity center
P
2
.079 ±.004 (2.0 ±0.1)
Cavity length
L
.110
(2.8 )
.150
(3.8 )
.205
(5.2 )
.246
(6.25 )
Cavity width
W
.075 ±.008 (1.9 ±0.2)
.118 ±.008 (3.0 ±0.2)
.161 ±.008 (4.1 ±0.2)
.217 ±.008 (5.5 ±0.2)
Cavity depth
T
.051 ±.004 (1.3 ±0.1)
.059 ±.004 (1.5 ±0.1)
.071 ±.004 (1.8 ±0.1)
.087 ±.004 (2.2 ±0.1)
Carrier tape thickness
t
.012 ±.002 (0.3 ±0.05)
Holder distance
W
1
.354
(9.0 )
.512
(13.0 )
Reel thickness
W
2
about .47 (12)
about .63 (16)


Similar Part No. - MC12FA201J-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MC12FA201J-F CDE-MC12FA201J-F Datasheet
562Kb / 10P
   High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
More results

Similar Description - MC12FA201J-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MCN CDE-MCN Datasheet
562Kb / 10P
   High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
logo
Exxelia Group
CSERIES EXXELIA-CSERIES Datasheet
848Kb / 18P
   High Voltage Chips Capacitors
02/21
logo
Cornell Dubilier Electr...
MCH38FM100D-Y CDE-MCH38FM100D-Y Datasheet
842Kb / 6P
   Multilayer High RF Power Capacitors
logo
Taiyo Yuden (U.S.A.), I...
QVS212CG620JDHT TAIYO-YUDEN-QVS212CG620JDHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG3R3BCHT TAIYO-YUDEN-QVS107CG3R3BCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG2R2CCHT TAIYO-YUDEN-QVS107CG2R2CCHT Datasheet
283Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG1R5BCHT TAIYO-YUDEN-QVS107CG1R5BCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG2R4BCHT TAIYO-YUDEN-QVS107CG2R4BCHT Datasheet
285Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG2R7CCHT TAIYO-YUDEN-QVS107CG2R7CCHT Datasheet
285Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
logo
AVX Corporation
1206AC102KAT2A AVX-1206AC102KAT2A Datasheet
93Kb / 2P
   High Voltage MLC Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com