Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM186M025P0Z Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # TM186M025P0Z
Description  Molded, Radial Lead, Solid Tantalum Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TM186M025P0Z Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  TM186M025P0Z Datasheet HTML 1Page - Cornell Dubilier Electronics TM186M025P0Z Datasheet HTML 2Page - Cornell Dubilier Electronics TM186M025P0Z Datasheet HTML 3Page - Cornell Dubilier Electronics TM186M025P0Z Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type TIM Solid Tantalum Capacitors
Ratings
Max
Max DF
Max Ripple
Catalog
Case
DCL
@ +25 ºC
25 ºC
Cap
Part Number
Code
@ +25 ºC
120 Hz
@ 120 Hz
@ 1 kHz
(µF)
(µA)
(%)
(mA rms)
(mA rms)
6 WVdc @ 85 ºC
4 WVdc @ 125 ºC
22
TIM226*006P0X
X
1
6
35
290
56
TIM566*006P0Y
Y
5
6
89
570
68
TIM686*006P0Y
Y
5
6
100
630
220
TIM227*006P0Z
Z
10
6
350
1000
10 WVdc @ 85 ºC
7 WVdc @ 125 ºC
6.8
TIM685*010P0X
X
1
6
18
150
10
TIM106*010P0W
W
1
6
26
220
10
TIM106*010P0X
X
1
6
26
220
15
TIM156*010P0W
W
1
6
39
270
15
TIM156*010P0X
X
1
6
39
270
22
TIM226*010P0Y
Y
2
6
58
360
33
TIM336*010P0Y
Y
2
6
87
440
39
TIM396*010P0Y
Y
5
6
100
480
47
TIM476*010P0Y
Y
5
6
120
590
56
TIM566*010P0Y
Y
5
6
140
650
150
TIM157*010P0Z
Z
10
6
390
920
15 WVdc @ 85 ºC
10 WVdc @ 125 ºC
5.6
TIM565*015P0X
X
1
6
22
180
6.8
TIM685*015P0X
X
1
6
27
180
8.2
TIM825*015P0X
X
1
6
32
200
10
TIM106*015P0Y
Y
1
6
35
270
15
TIM156*015P0Y
Y
2
6
59
290
22
TIM226*015P0Y
Y
5
6
87
360
27
TIM276*015P0Y
Y
5
6
100
390
33
TIM336*015P0Y
Y
5
6
130
440
20 WVdc @ 85 ºC
13 WVdc @ 125 ºC
5.6
TIM565*020POW
W
1
6
29
180
6.8
TIM685*020POW
W
1
6
36
200
25 WVdc @ 85 ºC
17 WVdc @ 125 ºC
3.3
TIM335*025P0W
W
1
4
21
150
3.3
TIM335*025P0X
X
1
6
21
150
4.7
TIM475*025P0X
X
1
6
31
180
6.8
TIM685*025P0Y
Y
1
6
45
200
10
TIM106*025P0X
X
1
6
4
190
10
TIM106*025P0Y
Y
1
6
66
240
12
TIM126*025P0Y
Y
1
6
79
260
15
TIM156*025P0Y
Y
2
6
99
290
CDE may improve your order and shorten delivery by substituting a tighter tolerance or higher voltage capacitors in the same case size.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 •
www.cde.com


Similar Part No. - TM186M025P0Z

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TM186E BANNER-TM186E Datasheet
331Kb / 8P
   TM18 Series Sensors
More results

Similar Description - TM186M025P0Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
logo
Cornell Dubilier Electr...
TAC CDE-TAC Datasheet
233Kb / 4P
   Molded, Axial Lead, Solid Tantalum Capacitors
logo
Vishay Siliconix
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
489D VISHAY-489D Datasheet
116Kb / 8P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision 02-Aug-02
292D VISHAY-292D Datasheet
122Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® Lead Frameless Molded
Revision: 05-Mar-08
298D VISHAY-298D Datasheet
156Kb / 7P
   Solid Tantalum Chip Capacitors MICROTAN™ Lead Frameless Molded
Revision: 22-Oct-07
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com