Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAO-0.3-68 Datasheet(PDF) 3 Page - Nuvotem Talema

Part # CAO-0.3-68
Description  Common Mode Toroidal Chokes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

CAO-0.3-68 Datasheet(HTML) 3 Page - Nuvotem Talema

  CAO-0.3-68 Datasheet HTML 1Page - Nuvotem Talema CAO-0.3-68 Datasheet HTML 2Page - Nuvotem Talema CAO-0.3-68 Datasheet HTML 3Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mounting Style • CA Series • Common Mode Toroidal Chokes
Type B - Base Mount
Type B- I
Type B-II
TypeV
TypeF
TypeX
d
f
1
4
2
3
e
d
4
1
3
2
g
c
4.0±1
3.8
f
x
TALEMA
Wk/Yr
CAB-XX-XXX
e
2
1
f
5.1
4.0 ±1
1
4
TALEMA
Wk/Yr
CAB-XX-XXX
c
e
d
g
4
1
3
2
Size4A
3.5 ±0.3
g
TALEMA
Wk / Yr
CAF-XX-XXX
c
e
e
4.0 ±1
TALEMA
Wk / Yr
CAV-XX-XXX
e
4.0 ±1
TALEMA
Wk / Yr
CAV-XX-XXX
f
h
i
c
g
d
8
7
6
5
1
2
3
4
8
7
6
5
1
2
3
4
d
f
h
i
c
g
f
c
d
4
3
1
2
g
e
4.0 ±1
Flat Mount
Vertical Mount
O.D.
5.0min.
Style‘OV’ - VerticalMount
Style ‘OH’ - Horizontal Mount
5.0min.
O.D.
Open Style
2 3
1 4
e
l
y
t
S
g
n
i
t
n
u
o
M
e
z
i
S
e
d
o
C
s
n
o
i
s
n
e
m
i
D
)
m
m
(
l
a
n
i
m
o
N
cd
e
f
g
h
i
x
Ø
n
i
P
e
s
a
B
t
n
u
o
M
I
I
-
B
3
1
.
9
1
8
.
0
1
4
.
6
2
.
5
1
9
.
5
1
-
-
-
-
8
.
3
+
.
D
.
O
l
i
o
C
2
0
.
1
I
-
B
5
4
.
5
2
0
.
6
1
2
.
0
1
3
.
0
2
3
.
4
3
-
-
-
-
5
.
3
+
.
D
.
O
l
i
o
C
7
2
.
1
8
9
.
7
2
3
.
0
2
2
.
5
1
9
.
2
2
8
.
6
3
-
-
-
-
l
a
c
i
t
r
e
V
t
n
u
o
M
"
V
"
s
n
i
P
3
-
6
&
2
-
7
"
"
X
s
n
i
P
4
-
5
&
1
-
8
28
.
7
18
.
2
10
.
0
20
.
0
10
.
50
.
5
10
.
5-
-
8
8
.
0
x
0
6
.
0
30
.
3
25
.
5
10
.
5
25
.
2
10
.
0
10
.
0
20
.
5-
-
40
.
7
20
.
8
10
.
0
30
.
5
15
.
2
15
.
2
20
.
5-
-
8
8
.
0
x
0
6
.
0
A
45
.
2
30
.
8
10
.
5
30
.
5
15
.
2
1-
--
--
-
50
.
2
35
.
0
20
.
5
35
.
7
15
.
2
15
.
7
25
.
7-
-
0
1
.
1
x
5
7
.
0
90
.
3
40
.
8
25
.
7
40
.
5
20
.
5
20
.
0
45
.
7-
-
t
a
l
F
t
n
u
o
M
F
2
5
.
7
1
0
.
7
1
5
.
2
1
0
.
0
1
0
.
5
1
-
-
-
-
-
-
8
8
.
0
x
0
6
.
0
3
5
.
2
2
0
.
2
2
0
.
5
1
5
.
2
1
0
.
0
2
-
-
-
-
-
-
4
5
.
7
2
0
.
7
2
5
.
7
1
0
.
5
1
0
.
5
2
-
-
-
-
-
-
8
8
.
0
x
0
6
.
0
6
5
.
2
3
0
.
2
3
0
.
0
2
0
.
0
2
0
.
0
3
-
-
-
-
-
-
9
5
.
2
4
0
.
2
4
5
.
8
2
0
.
5
2
0
.
5
3
-
-
-
-
-
-
8
8
.
0
x
0
6
.
0
Germany: Int.+4989-841 00-0 • Ireland: Int.+35 374 - 954 8666 • Czech Rep: Int.+420 377 - 338 351 • India: Int.+91 427 - 244 1325
http://www.talema-nuvotem.com


Similar Part No. - CAO-0.3-68

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CAO158AE HARRIS-CAO158AE Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CAO158AT HARRIS-CAO158AT Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CAO158E HARRIS-CAO158E Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CAO158M HARRIS-CAO158M Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CAO158T HARRIS-CAO158T Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
More results

Similar Description - CAO-0.3-68

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
CMPS-1.22-1.17 TALEMA-CMPS-1.22-1.17 Datasheet
105Kb / 2P
   Common Mode Toroidal Chokes
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com