Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V55C2128164VT Datasheet(PDF) 11 Page - Mosel Vitelic, Corp

Part # V55C2128164VT
Description  128Mbit LOW-POWER SDRAM 2.5 VOLT, TSOP II / BGA PACKAGE 8M X 16
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V55C2128164VT Datasheet(HTML) 11 Page - Mosel Vitelic, Corp

Back Button V55C2128164VT Datasheet HTML 7Page - Mosel Vitelic, Corp V55C2128164VT Datasheet HTML 8Page - Mosel Vitelic, Corp V55C2128164VT Datasheet HTML 9Page - Mosel Vitelic, Corp V55C2128164VT Datasheet HTML 10Page - Mosel Vitelic, Corp V55C2128164VT Datasheet HTML 11Page - Mosel Vitelic, Corp V55C2128164VT Datasheet HTML 12Page - Mosel Vitelic, Corp V55C2128164VT Datasheet HTML 13Page - Mosel Vitelic, Corp V55C2128164VT Datasheet HTML 14Page - Mosel Vitelic, Corp V55C2128164VT Datasheet HTML 15Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
11
V55C2128164V(T/B) Rev. 1.2 August 2002
MOSEL VITELIC
V55C2128164V(T/B)
Absolute Maximum Ratings*
Operating temperature range (commercial)0 to 70 °C
Operating temperature range (extended) -25 to 85 °C
Storage temperature range ............... -55 to 150 °C
Input/output voltage .................. -0.3 to (VCC+0.3) V
Power supply voltage .......................... -0.3 to 3.6 V
Power dissipation .......................................... 0.7 W
Data out current (short circuit) ...................... 50 mA
*Note:
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage of the device.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Operating Currents TA = 0 to 70 °C(Commercial)/-25 to 85 °C(Extended);
VSS = 0 V; VCC= 2.5 V,VCCQ = 1.8V(Recommended Operating Conditions unless otherwise noted)
Notes:
7.
These parameters depend on the cycle rate and these values are measured by the cycle rate under the minimum value of tCK and
tRC. Input signals are changed one time during tCK.
8.
These parameter depend on output loading. Specified values are obtained with output open.
Symbol
Parameter & Test Condition
Max.
Unit
Note
-6
-7 / -7PC
-8PC
10
ICC1
Operating Current
tRC = tRCMIN., tRC = tCKMIN.
Active-precharge command cy-
cling, without Burst Operation
1 bank operation
190
170
150
130
mA
7
ICC2P
Precharge Standby Current
in Power Down Mode
CS =VIH, CKE≤ VIL(max)
tCK = min.
1.5
1.5
1.5
1.5
mA
7
ICC2PS
tCK = Infinity
1
1
1
1
mA
7
ICC2N
Precharge Standby Current
in Non-Power Down Mode
CS =VIH, CKE≥ VIL(max)
tCK = min.
55
45
35
25
mA
ICC2NS
tCK = Infinity
5
5
5
5
mA
ICC3N
No Operating Current
tCK = min, CS = VIH(min)
bank ; active state ( 4 banks)
CKE
≥ V
IH(MIN.)
65
55
45
35
mA
ICC3P
CKE
≤ V
IL(MAX.)
(Power down mode)
10
10
10
10
mA
ICC4
Burst Operating Current
tCK = min
Read/Write command cycling
130
110
90
70
mA
7,8
ICC5
Auto Refresh Current
tCK = min
Auto Refresh command cycling
270
250
210
190
mA
7
ICC7
Deep Power down Current
10
10
10
10
uA


Similar Part No. - V55C2128164VT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V55C2256164VB ETC1-V55C2256164VB Datasheet
560Kb / 46P
   256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
More results

Similar Description - V55C2128164VT

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C3128 MOSEL-V54C3128 Datasheet
871Kb / 45P
   128Mbit SDRAM 3.3 VOLT, BGA PACKAGE
V54C3256164VALT6 MOSEL-V54C3256164VALT6 Datasheet
838Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
V54C3256 MOSEL-V54C3256 Datasheet
853Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
logo
List of Unclassifed Man...
V55C2256164VB ETC1-V55C2256164VB Datasheet
560Kb / 46P
   256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
logo
Taiwan Memory Technolog...
T4312816A TMT-T4312816A Datasheet
711Kb / 29P
   8M x 16 SDRAM???
logo
Alliance Semiconductor ...
AS4C2M32SA ALSC-AS4C2M32SA Datasheet
5Mb / 54P
   64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
logo
Samsung semiconductor
K4S280432M SAMSUNG-K4S280432M Datasheet
125Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
logo
Elite Semiconductor Mem...
M14D5121632A ESMT-M14D5121632A_1 Datasheet
987Kb / 59P
   8M x 16 Bit x 4 Banks DDR II SDRAM
M14D5121632A ESMT-M14D5121632A Datasheet
980Kb / 59P
   8M x 16 Bit x 4 Banks DDR II SDRAM
logo
Samsung semiconductor
K4S280432B SAMSUNG-K4S280432B Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com