Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAMSC7LZ-A5BR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CAMSC7LZ-A5BR
Description  HCMOS Oscillator Extra Small Packaging Style Ultra Low Jitter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CAMSC7LZ-A5BR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CAMSC7LZ-A5BR Datasheet HTML 1Page - List of Unclassifed Manufacturers CAMSC7LZ-A5BR Datasheet HTML 2Page - List of Unclassifed Manufacturers CAMSC7LZ-A5BR Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Description
TEST CONDITIONS
Input Characteristics (Pin 1):
VIL, Low–Level Input Voltage
TO DISABLE OUTPUT
V
VIH, High–Level Input Voltage
TO ENABLE OUTPUT OR NO CONNECT
0.7Vdd
V
IIL, Input Low Current
VIN = 0V
µA
IIH, Input High Current
VIN =Vdd
µA
Output Characteristics:
VOL, Low–Level Output Voltage
V
VOHCMOS,
V
Vdd-0.4
V
Power Supply Current:
mA
50
Electrical Characteristics
0.4
10
High-level HCMOS Voltage
70
90
Input Pull-Up Resistor:
Tri-State Leakage Current:
Max Unit
Typ
Min
0.2Vdd
Description
TEST CONDITIONS
Min
Typ
Max
Unit
Duty Cycle:
45
55
%
Output Clock Switching Characteristics
HCMOS @ Vdd/2
Output Clock Rise/Fall:
nS
mS
Start Up Time:
pS
RMS Period Jitter:
RMS Integrated Jitter:
Phase Noise:
12kHz to 20MHz
@ 10kHz
dBc/Hz
CARDINAL COMPONENTS
CARDINAL COMPONENTS
CARDINAL COMPONENTS
Platinum Series
HCMOS Oscillator
Cardinal Components, Inc., 155 Rt. 46 W, Wayne, NJ. 07470 TEL: (973)785-1333 FAX: (973)785-0053
http://www.cardinalxtal.com
3
10
pS
80
E-Mail: sales@cardinalxtal.com
Low Phase Noise
Ultra Low Jitter
Immediate Delivery
2
CAMs
Extra Small Packaging Styles
1.8V Vdd, 8 mA IOL
(Loaded)
1.8V Vdd, -8 mA IOL
1.8V Vdd, OUTPUT FREQ < 133 MHz
1.8 V Vdd
From power on
0.2–0.8Vdd, 1.8 Vdd, CL = 15
nS
2
7
10
30
-90
1.8V Vdd
TS option, Pin 1 low
Power Down Current:
PD option, Pin 1 low
µA
µA
15
20
10
050907-REV. 1.1
k


Similar Part No. - CAMSC7LZ-A5BR

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
CAM-2MX FOTEK-CAM-2MX Datasheet
903Kb / 4P
   M18 TUBULAR TYPE PHOTO SENSOR
CAM-2MX-V FOTEK-CAM-2MX-V Datasheet
903Kb / 4P
   M18 TUBULAR TYPE PHOTO SENSOR
CAM-2MXB FOTEK-CAM-2MXB Datasheet
903Kb / 4P
   M18 TUBULAR TYPE PHOTO SENSOR
CAM-2MXB-V FOTEK-CAM-2MXB-V Datasheet
903Kb / 4P
   M18 TUBULAR TYPE PHOTO SENSOR
logo
Mitsumi Electronics, Co...
CAM-B49 MITSUMI-CAM-B49 Datasheet
89Kb / 2P
   Power Supply Voltage and Signal
More results

Similar Description - CAMSC7LZ-A5BR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E2 TI1-LMK61E2 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Caliber Electronics Inc...
OAH10 CALIBER-OAH10 Datasheet
105Kb / 1P
   HCMOS/TTL Oscillator / with Jitter Control
logo
List of Unclassifed Man...
OAH10 ETC2-OAH10 Datasheet
100Kb / 1P
   HCMOS/TTL Oscillator / with Jitter Control
logo
Silicon image
SI535 SILICONIMAGE-SI535 Datasheet
276Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
logo
MTRONPTI
M9200 MTRONPTI-M9200 Datasheet
179Kb / 4P
   Ultra Low Jitter Quad Frequency Oscillator
logo
Texas Instruments
LMK61PD0A2 TI1-LMK61PD0A2 Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Low Jitter Pin Selectable Oscillator
logo
Fox Electronics
O5PU FOX-O5PU Datasheet
245Kb / 3P
   Ultra-Low Jitter 5x3.2mm SMD Oscillator
O7PU FOX-O7PU Datasheet
217Kb / 3P
   Ultra-Low Jitter 7x5mm SMD Oscillator
logo
Skyworks Solutions Inc.
SI535 SKYWORKS-SI535 Datasheet
738Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com