Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAMSC5LA7BR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CAMSC5LA7BR
Description  HCMOS Oscillator Extra Small Packaging Style Ultra Low Jitter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CAMSC5LA7BR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CAMSC5LA7BR Datasheet HTML 1Page - List of Unclassifed Manufacturers CAMSC5LA7BR Datasheet HTML 2Page - List of Unclassifed Manufacturers CAMSC5LA7BR Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CARDINAL COMPONENTS
CARDINAL COMPONENTS
CARDINAL COMPONENTS
Description
Typ
Max
Unit
Frequency Range:
MHz
Programmable to Any Discrete
Available Stability Options:
-100
ppm
-50
50
ppm
-25
25
ppm
Operating Temperature
0
+70
°C
-20
+70
°C
-40
+85
°C
Storage Temperature:
-55
+125
°C
Aging (PPM/Year)
±5
Packaging:
Tape and Reel (1K per Reel)
Tube
Specifications:
Operating Conditions:
Description
Min
Max
Unit
Vdd
V
pF
pF
TS
TRI-STATE
FREQUENCY
MHz
SERIES
PACKAGE STYLE
VOLTAGE
T
Z
Z
OPERATING TEMP.
Blank =
0°C +70°C
A5
= -20°C +70°C
A7
= -40°C +85°C
STABILITY
B6 =
BP =
±50 ppm
BR =
B6
OUTPUT
C
100
Range Options:
XXX.XXXX
Min
Supply Voltage Options:
Ta=25C, Vdd=3.3V/2.5V
Output Level:
Frequency: < 40 MHz
Frequency
Cardinal Components, Inc., 155 Rt. 46 W, Wayne, NJ. 07470 TEL: (973)785-1333 FAX: (973)785-0053
http://www.cardinalxtal.com
Platinum Series
PACKAGING OPTIONS
Blank = Bulk
HCMOS
Supply Voltage
100
µS
Low Phase Noise
Ultra Low Jitter
HCMOS Oscillator
1
E-Mail: sales@cardinalxtal.com
±100 ppm
25 ppm
±
TS = Tri-State
C=HCMOS
CAMs
CAMs
Immediate Delivery
Extra Small Packaging Style
3
= Tape and Reel
Q
A5
Part Numbering Example: CAMs C 3 Q Z - A5 B6 - XXX.XXXX TS
Vdd
Rise Time:
Max Capacitive Load on outputs for CMOS levels
HCMOS
1.62
25
Frequency: 40–133 MHz
15
PD= Power Down
133.000
1.98
1.8
1.98
= Tube
CAMs
1.500
3 = 3.2 X 2.5 Ceramic
1.5~133.000
V
1.62
(1.5–133 MHz)
050907-REV. 1.1
Q = 1.8 V
5 = 5.0 X 3.2 Ceramic S = 2.5 V
7 = 5.0 X 7.0 Ceramic L = 3.3 V
V
V
2.5
2.75
2.25
3.3
3.63
2.97


Similar Part No. - CAMSC5LA7BR

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
CAM-2MX FOTEK-CAM-2MX Datasheet
903Kb / 4P
   M18 TUBULAR TYPE PHOTO SENSOR
CAM-2MX-V FOTEK-CAM-2MX-V Datasheet
903Kb / 4P
   M18 TUBULAR TYPE PHOTO SENSOR
CAM-2MXB FOTEK-CAM-2MXB Datasheet
903Kb / 4P
   M18 TUBULAR TYPE PHOTO SENSOR
CAM-2MXB-V FOTEK-CAM-2MXB-V Datasheet
903Kb / 4P
   M18 TUBULAR TYPE PHOTO SENSOR
logo
Mitsumi Electronics, Co...
CAM-B49 MITSUMI-CAM-B49 Datasheet
89Kb / 2P
   Power Supply Voltage and Signal
More results

Similar Description - CAMSC5LA7BR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E2 TI1-LMK61E2 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Caliber Electronics Inc...
OAH10 CALIBER-OAH10 Datasheet
105Kb / 1P
   HCMOS/TTL Oscillator / with Jitter Control
logo
List of Unclassifed Man...
OAH10 ETC2-OAH10 Datasheet
100Kb / 1P
   HCMOS/TTL Oscillator / with Jitter Control
logo
Silicon image
SI535 SILICONIMAGE-SI535 Datasheet
276Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
logo
MTRONPTI
M9200 MTRONPTI-M9200 Datasheet
179Kb / 4P
   Ultra Low Jitter Quad Frequency Oscillator
logo
Texas Instruments
LMK61PD0A2 TI1-LMK61PD0A2 Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Low Jitter Pin Selectable Oscillator
logo
Fox Electronics
O5PU FOX-O5PU Datasheet
245Kb / 3P
   Ultra-Low Jitter 5x3.2mm SMD Oscillator
O7PU FOX-O7PU Datasheet
217Kb / 3P
   Ultra-Low Jitter 7x5mm SMD Oscillator
logo
Skyworks Solutions Inc.
SI535 SKYWORKS-SI535 Datasheet
738Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com