Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

CAMSC5QT-A7BR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

Part No. CAMSC5QT-A7BR
Description  HCMOS Oscillator Extra Small Packaging Style Ultra Low Jitter
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

CAMSC5QT-A7BR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 3 page
background image
CARDINAL COMPONENTS
CARDINAL COMPONENTS
CARDINAL COMPONENTS
Description
Typ
Max
Unit
Frequency Range:
MHz
Programmable to Any Discrete
Available Stability Options:
-100
ppm
-50
50
ppm
-25
25
ppm
Operating Temperature
0
+70
°C
-20
+70
°C
-40
+85
°C
Storage Temperature:
-55
+125
°C
Aging (PPM/Year)
±5
Packaging:
Tape and Reel (1K per Reel)
Tube
Specifications:
Operating Conditions:
Description
Min
Max
Unit
Vdd
V
pF
pF
TS
TRI-STATE
FREQUENCY
MHz
SERIES
PACKAGE STYLE
VOLTAGE
T
Z
Z
OPERATING TEMP.
Blank =
0°C +70°C
A5
= -20°C +70°C
A7
= -40°C +85°C
STABILITY
B6 =
BP =
±50 ppm
BR =
B6
OUTPUT
C
100
Range Options:
XXX.XXXX
Min
Supply Voltage Options:
Ta=25C, Vdd=3.3V/2.5V
Output Level:
Frequency: < 40 MHz
Frequency
Cardinal Components, Inc., 155 Rt. 46 W, Wayne, NJ. 07470 TEL: (973)785-1333 FAX: (973)785-0053
http://www.cardinalxtal.com
Platinum Series
PACKAGING OPTIONS
Blank = Bulk
HCMOS
Supply Voltage
100
µS
Low Phase Noise
Ultra Low Jitter
HCMOS Oscillator
1
E-Mail: sales@cardinalxtal.com
±100 ppm
25 ppm
±
TS = Tri-State
C=HCMOS
CAMs
CAMs
Immediate Delivery
Extra Small Packaging Style
3
= Tape and Reel
Q
A5
Part Numbering Example: CAMs C 3 Q Z - A5 B6 - XXX.XXXX TS
Vdd
Rise Time:
Max Capacitive Load on outputs for CMOS levels
HCMOS
1.62
25
Frequency: 40–133 MHz
15
PD= Power Down
133.000
1.98
1.8
1.98
= Tube
CAMs
1.500
3 = 3.2 X 2.5 Ceramic
1.5~133.000
V
1.62
(1.5–133 MHz)
050907-REV. 1.1
Q = 1.8 V
5 = 5.0 X 3.2 Ceramic S = 2.5 V
7 = 5.0 X 7.0 Ceramic L = 3.3 V
V
V
2.5
2.75
2.25
3.3
3.63
2.97


Html Pages

1  2  3 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn