Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS-200A1-J Datasheet(PDF) 2 Page - Nuvotem Talema

Part # TMS-200A1-J
Description  10 Base-T Single Port SMD Transformer Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

TMS-200A1-J Datasheet(HTML) 2 Page - Nuvotem Talema

  TMS-200A1-J Datasheet HTML 1Page - Nuvotem Talema TMS-200A1-J Datasheet HTML 2Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TMS Module
TMM Miniature Module
Dimensions
Dimensions: Inches (Millimeters)
Tolerance: ±0.010 (0.25) unless specified otherwise
Surface coplanarity will be 0.004 (0.01) maximum
Suggested
Pad layout
THE TALEMA GROUP • Magnetic Components for ISDN / xDSL / LAN Data Communications
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
5
±
L
C
O
.i
r
P
)
n
i
M
H
μ
(
LL
)
x
a
M
H
μ
(
C W
/
W
)
x
a
M
F
p
(
R
C
D
)
.
x
a
M
s
m
h
O
(
VP
)
s
m
r
V
(
c
i
t
a
m
e
h
c
S
4
1
-
6
1
:
3
-
19
-
1
1
:
8
-
6
c
e
S
/
i
r
Pc
e
S
/
i
r
P3
-
14
1
-
6
18
-
69
-
1
1
J
-
1
A
0
0
1
-
_
C
M
T
t
c
1
:
t
c
1
t
c
1
:
t
c
1
0
0
1
0
3
.
0
8
0
3
.
0
0
3
.
0
0
3
.
0
0
3
.
0
0
0
5
1
A
J
-
2
B
0
1
1
-
_
C
M
Tt
c
1
:
t
c
1t
c
4
1
4
.
1
:
t
c
10
1
10
4
.
05
10
3
.
00
3
.
00
3
.
00
9
.
00
0
5
1B
J
-
3
B
2
1
1
-
_
C
M
T
t
c
1
:
t
c
1
t
c
2
:
t
c
1
2
1
1
0
3
.
0
8
0
3
.
0
0
3
.
0
0
3
.
0
0
9
.
0
0
0
5
1
B
J
-
3
A
0
2
1
-
_
C
M
Tt
c
1
:
t
c
1t
c
2
:
t
c
10
2
/
0
2
10
4
.
09
0
9
.
00
9
.
00
9
.
00
9
.
00
0
5
1A
J
-
2
A
0
4
1
-
_
C
M
T
t
c
1
:
t
c
1
t
c
4
1
4
.
1
:
t
c
1
0
4
1
0
4
.
0
0
2
0
4
.
0
0
4
.
0
0
4
.
0
0
4
.
0
0
0
5
1
A
J
-
3
A
0
4
1
-
_
C
M
Tt
c
1
:
t
c
1t
c
2
:
t
c
10
4
12
.
02
10
3
.
00
3
.
00
3
.
00
9
.
00
0
5
1A
J
-
6
A
0
4
1
-
_
C
M
T
t
c
1
:
t
c
2
t
c
1
:
t
c
1
0
4
1
3
.
0
2
1
0
6
.
0
0
3
.
0
0
3
.
0
0
3
.
0
0
0
5
1
A
J
-
6
A
0
5
1
-
_
C
M
Tt
c
1
:
t
c
2t
c
1
:
t
c
10
5
10
9
.
00
10
7
.
05
3
.
05
3
.
05
3
.
00
0
5
1A
J
-
1
A
0
0
2
-
_
C
M
T
t
c
1
:
t
c
1
t
c
1
:
t
c
1
0
0
2
5
2
.
0
0
1
0
3
.
0
0
3
.
0
0
3
.
0
0
3
.
0
0
0
5
1
A
J
-
2
A
0
0
2
-
_
C
M
Tt
c
1
:
t
c
1t
c
4
1
4
.
1
:
t
c
10
0
25
.
02
10
3
.
00
3
.
00
3
.
05
7
.
00
0
5
1A
J
-
4
A
0
0
2
-
_
C
M
T
t
c
1
:
t
c
1
t
c
5
.
2
.
1
:
t
c
1
0
0
2
5
.
0
5
1
0
3
.
0
0
3
.
0
0
3
.
0
5
0
.
1
0
0
5
1
A
J
-
5
A
0
0
2
-
_
C
M
Tt
c
2
:
t
c
1t
c
1
:
t
c
10
0
23
.
08
0
3
.
00
9
.
00
3
.
00
3
.
00
0
5
1A
J
-
4
A
0
5
3
-
_
C
M
T
t
c
1
:
t
c
1
t
c
5
.
2
:
t
c
1
0
5
3
8
.
0
0
3
0
3
.
0
0
3
.
0
0
3
.
0
5
0
.
1
0
0
5
1
A
TM Series • 10 Base-T Transformers with Common Mode Choke for EMI Suppression
0.787
(20.00)
0.500
(12.70)
0.044
(1.11)
0.433
(11.00)
7 x
0.100
(2,54)
TALEMA IN
WK/YR
Part Number
Suggested
Pad layout
0.047
(1.20)
0.100
(2.54)
0.539
(13.70)
0.343
(8.70)
0.700
(17.78)
0.079
(2.00)
0.394
(10.60)
0.028
(0.70)
0.050
(1.27)
0.350
(8.89)
0.378
(9.60)
0.504
(12.80)
0.350
(8.89)
0.077
(1.955)
0.346
(8.80)
TALEMA IN
WK/YR
Part Number
0.189
(4.80)
0.236
(6.00)
0.020 x 0.012
(0.50 x 0.30)
Schematics with Choke
B
1
2
3
6
7
8
16
15
14
11
10
9
12
13
A
1
2
3
6
7
8
16
15
14
11
10
9
Sales & Marketing, Design and Manufacturing Facilities
http://www.talema-nuvotem.com
Ireland
NUVOTEMTEO.
Crolly
Co. Donegal
Tel: Int. + 353 74 - 954 8666
Fax: Int. + 353 74 - 954 8139
Email: info@nuvotem.com
Germany
TALEMA ELEKTRONIK GMBH
Sembdnerstr. 5, Postfach 2523
82110 Germering
Tel: Int. + 49 89 - 841 00 - 0
Fax: Int. + 49 89 - 841 00 25
Email: info@talema.de
Eastern Europe &
Czech Republic
NT MAGNETICS s.r.o.
Chebská 27
322 00 Plzeñ
Tel: Int. + 420 377 - 338 351
Fax: Int. + 420 377 - 338 350
Email: talema@talema.cz
Web Site:
www.ntmagnetics.cz
India
TALEMA ELECTRONIC PVT. LTD.
Opposite the SIDCO Industrial Estate
Gins Towers
4/5S.H/1, Omalur Main Road
Salem - 636 004, Tamil Nadu
Tel: Int. + 91 427 - 244 1325
Fax: Int. + 91 427 - 243 0034
E-mail: talema@talemaindia.com
Web Site: www.talemaindia.com
0.189
(4.80)
0.236
(6.00)
0.016 x 0.016
(0.40 x 0.40)


Similar Part No. - TMS-200A1-J

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMS-25-C TRACOPOWER-TMS-25-C Datasheet
455Kb / 6P
   TMS Series, 6to
Rev. February 13. 2018
TMS-25-F TRACOPOWER-TMS-25-F Datasheet
455Kb / 6P
   TMS Series, 6to
Rev. February 13. 2018
TMS-25105 TRACOPOWER-TMS-25105 Datasheet
455Kb / 6P
   TMS Series, 6to
Rev. February 13. 2018
TMS-25105C TRACOPOWER-TMS-25105C Datasheet
455Kb / 6P
   TMS Series, 6to
Rev. February 13. 2018
TMS-25105F TRACOPOWER-TMS-25105F Datasheet
455Kb / 6P
   TMS Series, 6to
Rev. February 13. 2018
More results

Similar Description - TMS-200A1-J

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST1086-LF BOTHHAND-16ST1086-LF Datasheet
70Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST1086 BOTHHAND-16ST1086 Datasheet
186Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST8522 BOTHHAND-16ST8522 Datasheet
151Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
HX1148NL PULSE-HX1148NL Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
HX1148NLT PULSE-HX1148NLT Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
H303 PULSE-H303_15 Datasheet
419Kb / 3P
   10/100 Base-T Single Port Transformer Modules
logo
Bothhand USA, LP.
12ST1112LF BOTHHAND-12ST1112LF Datasheet
159Kb / 2P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
H1012NLT PULSE-H1012NLT Datasheet
418Kb / 4P
   10/100 Base-T Single Port Transformer Modules
H1012NL PULSE-H1012NL Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Bothhand USA, LP.
16ST8516 BOTHHAND-16ST8516 Datasheet
185Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com