Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD7NS20-1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STD7NS20-1
Description  N-CHANNEL 200V - 0.35ohm - 7A DPAK / IPAK MESH OVERLAY??MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD7NS20-1 Datasheet(HTML) 6 Page - STMicroelectronics

  STD7NS20-1 Datasheet HTML 1Page - STMicroelectronics STD7NS20-1 Datasheet HTML 2Page - STMicroelectronics STD7NS20-1 Datasheet HTML 3Page - STMicroelectronics STD7NS20-1 Datasheet HTML 4Page - STMicroelectronics STD7NS20-1 Datasheet HTML 5Page - STMicroelectronics STD7NS20-1 Datasheet HTML 6Page - STMicroelectronics STD7NS20-1 Datasheet HTML 7Page - STMicroelectronics STD7NS20-1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STD7NS20 / STD7NS20-1
6/8
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A3
0.7
1.3
0.027
0.051
B
0.64
0.9
0.025
0.031
B2
5.2
5.4
0.204
0.212
B3
0.85
0.033
B5
0.3
0.012
B6
0.95
0.037
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G
4.4
4.6
0.173
0.181
H
15.9
16.3
0.626
0.641
L
9
9.4
0.354
0.370
L1
0.8
1.2
0.031
0.047
L2
0.8
1
0.031
0.039
H
D
L
L2
L1
TO-251 (IPAK) MECHANICAL DATA
0068771-E


Similar Part No. - STD7NS20-1

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STD7NS20 DOINGTER-STD7NS20 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STD7NS20-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4N20 STMICROELECTRONICS-STD4N20 Datasheet
271Kb / 9P
   N-CHANNEL 200V - 1.2ohm - 4A DPAK/IPAK MESH OVERLAY??MOSFET
IRF630S STMICROELECTRONICS-IRF630S Datasheet
85Kb / 8P
   N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET
STD4NS25 STMICROELECTRONICS-STD4NS25 Datasheet
273Kb / 9P
   N-CHANNEL 250V - 0.9ohm - 4A DPAK/IPAK MESH OVERLAY??MOSFET
STD4NS25T4 STMICROELECTRONICS-STD4NS25T4 Datasheet
288Kb / 9P
   N-CHANNEL 250V - 0.9W - 4A DPAK/IPAK MESH OVERLAY MOSFET
STD5N20 STMICROELECTRONICS-STD5N20_00 Datasheet
257Kb / 8P
   N-CHANNEL 200V - 0.6W - 5A DPAK MESH OVERLAY??MOSFET
STD7NB20 STMICROELECTRONICS-STD7NB20 Datasheet
488Kb / 10P
   N-CHANNEL 200V - 0.3ohm - 7A DPAK/IPAK PowerMESH??MOSFET
STD3PS25 STMICROELECTRONICS-STD3PS25 Datasheet
445Kb / 10P
   P-CHANNEL 250V - 2.1 OHM - 3A DPAK/IPAK MESH OVERLAY MOSFET
STD8NS25 STMICROELECTRONICS-STD8NS25 Datasheet
122Kb / 6P
   N-CHANNEL 250V - 0.38ohm - 8A DPAK MESH OVERLAY??MOSFET
STY100NS20FD STMICROELECTRONICS-STY100NS20FD Datasheet
260Kb / 8P
   N-CHANNEL 200V - 0.022ohm - 100A Max247 MESH OVERLAY??Power MOSFET
STE110NS20FD STMICROELECTRONICS-STE110NS20FD Datasheet
277Kb / 8P
   N-CHANNEL 200V - 0.022W - 110A ISOTOP MESH OVERLAY??Power MOSFET
January 2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com