Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPR4-T227 Datasheet(PDF) 1 Page - Riedon Powertron

Part # FPR4-T227
Description  Foil Power Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

FPR4-T227 Datasheet(HTML) 1 Page - Riedon Powertron

  FPR4-T227 Datasheet HTML 1Page - Riedon Powertron FPR4-T227 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page43
rev.03/2006A
SPECIFICATIONS
Resistances from 0.001Ohm to 100Ohms
Power Rating to 80Watt
Resistance Tolerances to ±0.1%
TCR to ±15ppm/K
Load Stability to 0.1%
FoilPowerResistors
Type
FPR 2-T227
FPR 4-T227
FNR 2-T227
FNR 4-T227
Terminals
2
4
(kelvinconnection)
2
4
(kelvinconnection)
ResistanceRange
0.01to100Ohms
0.001to100Ohms
0.01to100Ohms
0.001to100Ohms
PowerRating
(withheatsink)
60W
80W
ThermalResistanceRthj-c
1.3K/W
1.0K/W
Tolerances
0.1%/1%/2%/5%
(othersuponrequest)
Stability
0.1%/0.2%/0.5%
(dependsonstress)
Temperature Coefficient
±15ppm/K(20to60°C)
fromR<0.02Ohms±20ppm/K(20to60°C)
FPR2-T227/FNR2-T227TKShiftdependsfrom
resistancevalue(seegraphnextpage)
VoltageProof
2.5kVDC
ThermalEMF
<1µV/K
Max.Current
50A
(higheruponrequest)
OperatingTemperature
-40°Cto130°C
ResistorMaterial
MetalfoilCuNiMn(DIN17471)
Substrate
Al
2O3
AlN
Housing
Epoxy
ConnectorMaterial
Cu/tinnedornickelplated
Max.Torque
backplate:1.5Nm
terminals:1.3Nm
PartNumber-Resistance-Tolerance
FPR2-T2271.1Ohms1%
Ordering Information
FPR FNR 2-T227 4-T227


Similar Part No. - FPR4-T227

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
FPR4-T227 RIEDON-FPR4-T227 Datasheet
221Kb / 2P
   Foil Power Resistors
FPR4-T227 RIEDON-FPR4-T227 Datasheet
221Kb / 2P
   Foil Power Resistors
FPR4-T227 RIEDON-FPR4-T227 Datasheet
221Kb / 2P
   Foil Power Resistors
FPR4-T227 RIEDON-FPR4-T227 Datasheet
221Kb / 2P
   Foil Power Resistors
FPR4-T227 RIEDON-FPR4-T227 Datasheet
221Kb / 2P
   Foil Power Resistors
More results

Similar Description - FPR4-T227

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
FNR2E-0R025F1 RIEDON-FNR2E-0R025F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R15F1 RIEDON-FNR2E-0R15F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R1F1 RIEDON-FNR2E-0R1F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R02F1 RIEDON-FNR2E-0R02F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R5F1 RIEDON-FNR2E-0R5F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FPR2-T227 RIEDON-FPR2-T227_13 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R015F1 RIEDON-FNR2E-0R015F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R01F1 RIEDON-FNR2E-0R01F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-3RF1 RIEDON-FNR2E-3RF1 Datasheet
221Kb / 2P
   Foil Power Resistors
USR2-0808 RIEDON-USR2-0808_15 Datasheet
185Kb / 2P
   Precision Foil Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com