Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2252T Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS2252T
Description  Secure Microcontroller Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2252T Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS2252T_1 Datasheet HTML 5Page - Dallas Semiconductor DS2252T_1 Datasheet HTML 6Page - Dallas Semiconductor DS2252T_1 Datasheet HTML 7Page - Dallas Semiconductor DS2252T_1 Datasheet HTML 8Page - Dallas Semiconductor DS2252T_1 Datasheet HTML 9Page - Dallas Semiconductor DS2252T_1 Datasheet HTML 10Page - Dallas Semiconductor DS2252T_1 Datasheet HTML 11Page - Dallas Semiconductor DS2252T_1 Datasheet HTML 12Page - Dallas Semiconductor DS2252T_1 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DS2252T
121395 9/14
AC CHARACTERISTICS
(tA = 0°C to70°C; VCC=0V to 5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
SDI Pulse Reject
tSPR
2
µs
3
SDI Pulse Accept
tSPA
10
µs
3
AC CHARACTERISTICS
EXPANDED BUS MODE TIMING SPECIFICATIONS
(tA = 0°C to70°C; VCC = 5V + 10%)
#
PARAMETER
SYMBOL
MIN
MAX
UNITS
1
Oscillator Frequency
1/tCLK
1.0
16 (–16)
MHz
2
ALE Pulse Width
tALPW
2tCLK–40
ns
3
Address Valid to ALE Low
tAVALL
tCLK–40
ns
4
Address Hold After ALE Low
tAVAAV
tCLK–35
ns
14
RD Pulse Width
tRDPW
6tCLK–100
ns
15
WR Pulse Width
tWRPW
6tCLK–100
ns
16
RD Low to Valid Data In @12 MHz
@16 MHz
tRDLDV
5tCLK–165
5tCLK–105
ns
ns
17
Data Hold after RD High
tRDHDV
0
ns
18
Data Float after RD High
tRDHDZ
2tCLK–70
ns
19
ALE Low to Valid Data In @12 MHz
@16 MHz
tALLVD
8tCLK–150
8tCLK–90
ns
ns
20
Valid Addr. to Valid Data In @12 MHz
@16 MHz
tAVDV
9tCLK–165
9tCLK–105
ns
ns
21
ALE Low to RD or WR Low
tALLRDL
3tCLK–50
3tCLK+50
ns
22
Address Valid to RD or WR Low
tAVRDL
4tCLK–130
ns
23
Data Valid to WR Going Low
tDVWRL
tCLK–60
ns
24
Data Valid to WR High @12 MHz
@16 MHz
tDVWRH
7tCLK–150
7tCLK–90
ns
ns
25
Data Valid after WR High
tWRHDV
tCLK–50
ns
26
RD Low to Address Float
tRDLAZ
0
ns
27
RD or WR High to ALE High
tRDHALH
tCLK–40
tCLK+50
ns


Similar Part No. - DS2252T_1

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2252T-128-16 DALLAS-DS2252T-128-16 Datasheet
680Kb / 16P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2252T-128-16 MAXIM-DS2252T-128-16 Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
DS2252T-128-16# MAXIM-DS2252T-128-16# Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
More results

Similar Description - DS2252T_1

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T Datasheet
257Kb / 15P
   Secure Microcontroller Module
DS2252T DALLAS-DS2252T Datasheet
257Kb / 15P
   Secure Microcontroller Module
logo
ATMEL Corporation
AT90SC6464C-USB ATMEL-AT90SC6464C-USB Datasheet
55Kb / 4P
   Secure Microcontroller
logo
Dallas Semiconductor
DS5240 DALLAS-DS5240 Datasheet
43Kb / 3P
   High-Speed Secure Microcontroller
DS5250 DALLAS-DS5250_04 Datasheet
123Kb / 3P
   High-Speed Secure Microcontroller
DS5250-DS5250F DALLAS-DS5250-DS5250F Datasheet
123Kb / 3P
   High-Speed Secure Microcontroller
logo
ATMEL Corporation
AT90SC6464C ATMEL-AT90SC6464C Datasheet
126Kb / 2P
   Secure Microcontroller for Smart Cards
AT90SC288144RU ATMEL-AT90SC288144RU Datasheet
67Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC25672RCT ATMEL-AT90SC25672RCT Datasheet
99Kb / 4P
   Secure Microcontroller for Smart Cards
AT90SC9608RC ATMEL-AT90SC9608RC Datasheet
56Kb / 4P
   Secure Microcontroller for Smart Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com