Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2250T-64-16 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS2250T-64-16
Description  Soft Microcontroller Module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2250T-64-16 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS2250T-64-16 Datasheet HTML 5Page - Dallas Semiconductor DS2250T-64-16 Datasheet HTML 6Page - Dallas Semiconductor DS2250T-64-16 Datasheet HTML 7Page - Dallas Semiconductor DS2250T-64-16 Datasheet HTML 8Page - Dallas Semiconductor DS2250T-64-16 Datasheet HTML 9Page - Dallas Semiconductor DS2250T-64-16 Datasheet HTML 10Page - Dallas Semiconductor DS2250T-64-16 Datasheet HTML 11Page - Dallas Semiconductor DS2250T-64-16 Datasheet HTML 12Page - Dallas Semiconductor DS2250T-64-16 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DS2250(T)
121395 9/19
SERIAL LOADER BAUD RATES FOR DIFFERENT CRYSTAL FREQUENCIES Table 2
CRYSTAL FREQ (MHz)
BAUD RATE
CRYSTAL FREQ (MHz)
300
1200
2400
9600
19200
57600
14.7456
Y
Y
Y
Y
11.0592
Y
Y
Y
Y
Y
Y
9.21600
Y
Y
Y
Y
7.37280
Y
Y
Y
Y
5.52960
Y
Y
Y
Y
1.84320
Y
Y
Y
Y
ADDITIONAL INFORMATION
A complete description for all operational aspects of the
DS2250(T) is provided in the User’s Guide section of the
Secure Microcontroller Data Book.
DEVELOPMENT SUPPORT
Dallas Semiconductor offers a kit package for develop-
ing and testing user code. The DS5000TK Evaluation
Kit allows the user to download Intel hex formatted code
directly to the DS2250(T) from a PC–XT/AT or compat-
ible computer. The kit consists of a DS5000T–32–12,
an interface pod, demo software, and an RS232 con-
nector that attaches to the COM1 or COM2 serial port of
a PC. The kit can be used with a DS2250(T). A mechan-
ical adaptor, the DS9075–40V, allows a DS2250(T) to
be used in the DS5000TK. See the Secure Microcon-
troller User’s Guide for further details.


Similar Part No. - DS2250T-64-16

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2250T-64-16 DALLAS-DS2250T-64-16 Datasheet
594Kb / 20P
   Soft Microcontroller Module
More results

Similar Description - DS2250T-64-16

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2250T DALLAS-DS2250T Datasheet
594Kb / 20P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000-32-16 MAXIM-DS5000-32-16 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000_06 Datasheet
378Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2250 MAXIM-DS2250 Datasheet
453Kb / 18P
   Soft Microcontroller Module
REV: 060906
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T_06 Datasheet
680Kb / 16P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000_1 Datasheet
100Kb / 19P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000 MAXIM-DS5000 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T_06 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com