Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7492BR Datasheet(PDF) 1 Page - Analog Devices

Part # AD7492BR
Description  1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7492BR Datasheet(HTML) 1 Page - Analog Devices

  AD7492BR Datasheet HTML 1Page - Analog Devices AD7492BR Datasheet HTML 2Page - Analog Devices AD7492BR Datasheet HTML 3Page - Analog Devices AD7492BR Datasheet HTML 4Page - Analog Devices AD7492BR Datasheet HTML 5Page - Analog Devices AD7492BR Datasheet HTML 6Page - Analog Devices AD7492BR Datasheet HTML 7Page - Analog Devices AD7492BR Datasheet HTML 8Page - Analog Devices AD7492BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7492
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
1.25 MSPS, 16 mW Internal REF and CLK,
12-Bit Parallel ADC
FUNCTIONAL BLOCK DIAGRAM
VIN
DB0
DB11
PS/
FS
CONVST
BUSY
CS
RD
AD7492
AVDD
REF OUT
VDRIVE
AGND
DGND
DVDD
CONTROL
LOGIC
OUTPUT
DRIVERS
12-BIT SAR
ADC
BUF
T/H
CLOCK
OSCILLATOR
2.5V
REF
FEATURES
Specified for VDD of 2.7 V to 5.25 V
Throughput Rate of 1 MSPS—AD7492
Throughput Rate of 1.25 MSPS—AD7492-5
Low Power
4 mW Typ at 1 MSPS with 3 V Supplies
11 mW Typ at 1 MSPS with 5 V Supplies
Wide Input Bandwidth
70 dB Typ SNR at 100 kHz Input Frequency
2.5 V Internal Reference
On-Chip CLK Oscillator
Flexible Power/Throughput Rate Management
No Pipeline Delays
High-Speed Parallel Interface
Sleep Mode: 50 nA Typ
24-Lead SOIC and TSSOP Packages
GENERAL DESCRIPTION
The AD7492 and AD7492-5 are 12-bit high-speed, low power,
successive-approximation ADCs. The parts operate from a
single 2.7 V to 5.25 V power supply and feature throughput rates
up to 1.25 MSPS. They contain a low-noise, wide bandwidth
track/hold amplifier that can handle bandwidths up to 10 MHz.
The conversion process and data acquisition are controlled using
standard control inputs allowing easy interface to microproces-
sors or DSPs. The input signal is sampled on the falling edge of
CONVST and conversion is also initiated at this point. The
BUSY goes high at the start of conversion and goes low 880 ns
(AD7492) or 680 ns (AD7492-5) later to indicate that the con-
version is complete. There are no pipeline delays associated with
the part. The conversion result is accessed via standard
CS and
RD signals over a high-speed parallel interface.
The AD7492 uses advanced design techniques to achieve very
low power dissipation at high throughput rates. With 5 V
supplies and 1.25 MSPS, the average current consumption
AD7492-5 is typically 2.75 mA. The part also offers flexible
power/throughput rate management.
It is also possible to operate the part in a full sleep mode and a
partial sleep mode, where the part wakes up to do a conversion
and automatically enters a sleep mode at the end of conversion.
The type of sleep mode is hardware selected by the PS/
FS pin.
Using these sleep modes allows very low power dissipation num-
bers at lower throughput rates.
The analog input range for the part is 0 to REF IN. The 2.5 V
reference is supplied internally and is available for external refer-
encing. The conversion rate is determined by the internal clock.
PRODUCT HIGHLIGHTS
1. High Throughput with Low Power Consumption
The AD7492-5 offers 1.25 MSPS throughput with 16 mW
power consumption.
2. Flexible Power/Throughput Rate Management
The conversion time is determined by an internal clock. The
part also features two sleep modes, partial and full, to maxi-
mize power efficiency at lower throughput rates.
3. No Pipeline Delay
The part features a standard successive-approximation ADC
with accurate control of the sampling instant via a
CONVST
input and once-off conversion control.
4. Flexible Digital Interface
The VDRIVE feature controls the voltage levels on the I/O
digital pins.
5. Fewer Peripheral Components
The AD7492 optimizes PCB space by using an internal
Reference and internal CLK.


Similar Part No. - AD7492BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7492BR-5 AD-AD7492BR-5 Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492BR-5 AD-AD7492BR-5 Datasheet
374Kb / 25P
   1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
AD7492BR-5-REEL AD-AD7492BR-5-REEL Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492BR-5-REEL AD-AD7492BR-5-REEL Datasheet
374Kb / 25P
   1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
AD7492BR-5-REEL7 AD-AD7492BR-5-REEL7 Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
More results

Similar Description - AD7492BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7492ARZ AD-AD7492ARZ Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492 AD-AD7492_15 Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492BRUZ AD-AD7492BRUZ Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492 AD-AD7492_17 Datasheet
374Kb / 25P
   1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
logo
Analog Devices
AD7667 AD-AD7667 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470 Datasheet
197Kb / 16P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. A
AD7472ARZ AD-AD7472ARZ Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit-12-Bit Parallel ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com