Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC167CI Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # XC167CI
Description  16-Bi t Single-Chip Microcontroller Preliminary
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC167CI Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button XC167CI_02 Datasheet HTML 2Page - Infineon Technologies AG XC167CI_02 Datasheet HTML 3Page - Infineon Technologies AG XC167CI_02 Datasheet HTML 4Page - Infineon Technologies AG XC167CI_02 Datasheet HTML 5Page - Infineon Technologies AG XC167CI_02 Datasheet HTML 6Page - Infineon Technologies AG XC167CI_02 Datasheet HTML 7Page - Infineon Technologies AG XC167CI_02 Datasheet HTML 8Page - Infineon Technologies AG XC167CI_02 Datasheet HTML 9Page - Infineon Technologies AG XC167CI_02 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 79 page
background image
XC167
Derivatives
Summary of Features
Data Sheet
2
V1.0, 2002-10
Preliminary
• Up to 12 Mbytes External Address Space for Code and Data
– Programmable External Bus Characteristics for Different Address Ranges
– Multiplexed or Demultiplexed External Address/Data Buses
– Selectable Address Bus Width
– 16-Bit or 8-Bit Data Bus Width
– Five Programmable Chip-Select Signals
– Hold- and Hold-Acknowledge Bus Arbitration Support
• Up to 103 General Purpose I/O Lines,
partly with Selectable Input Thresholds and Hysteresis
• On-Chip Bootstrap Loader
• Supported by a Large Range of Development Tools like C-Compilers,
Macro-Assembler
Packages,
Emulators,
Evaluation Boards,
HLL-Debuggers,
Simulators, Logic Analyzer Disassemblers, Programming Boards
• On-Chip Debug Support via JTAG Interface
• 144-Pin TQFP Package, 0.5 mm (19.7 mil) pitch
Ordering Information
The ordering code for Infineon microcontrollers provides an exact reference to the
required product. This ordering code identifies:
• the derivative itself, i.e. its function set, the temperature range, and the supply voltage
• the package and the type of delivery.
For the available ordering codes for the XC167 please refer to the “Product Catalog
Microcontrollers”, which summarizes all available microcontroller variants.
Note: The ordering codes for Mask-ROM versions are defined for each product after
verification of the respective ROM code.
This document describes several derivatives of the XC167 group. Table 1 enumerates
these derivatives and summarizes the differences. As this document refers to all of these
derivatives, some descriptions may not apply to a specific product.
For simplicity all versions are referred to by the term XC167 throughout this document.


Similar Part No. - XC167CI_02

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC167CI-16F INFINEON-XC167CI-16F Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2006
XC167CI-16F INFINEON-XC167CI-16F Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.3, Aug. 2006
XC167CI-16F INFINEON-XC167CI-16F_06 Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.3, Aug. 2006
XC167CI-32F INFINEON-XC167CI-32F Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.1, Aug. 2006
More results

Similar Description - XC167CI_02

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC161CJ INFINEON-XC161CJ_02 Datasheet
863Kb / 78P
   16-Bi t Single-Chip Microcontroller Preliminary
V1.0, Mar. 2002
C167CS-L16M3V INFINEON-C167CS-L16M3V Datasheet
1Mb / 81P
   16-Bi t Single-Chip Microcontroller
V1.0, Oct. 2001
XC164CM INFINEON-XC164CM_04 Datasheet
696Kb / 14P
   16-Bi t Single-Chip Microcontroller
2004-03 V1.0D3
XC167CI INFINEON-XC167CI Datasheet
2Mb / 80P
   16-Bit Single-Chip Microcontroller Preliminary
V1.1, Jun. 2003
C167CR INFINEON-C167CR_00 Datasheet
3Mb / 464P
   16-Bi t Single-Chip Microcont roller
V 3.1, Mar. 2000
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com