Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAL-25 Datasheet(PDF) 2 Page - Riedon Powertron

Part # UAL-25
Description  Aluminum Housed Wirewound Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

UAL-25 Datasheet(HTML) 2 Page - Riedon Powertron

  UAL-25 Datasheet HTML 1Page - Riedon Powertron UAL-25 Datasheet HTML 2Page - Riedon Powertron UAL-25 Datasheet HTML 3Page - Riedon Powertron UAL-25 Datasheet HTML 4Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page100
rev.03/2006A
SPECIFICATIONS (continued)
UAL Series
Specification
Value
Tolerances
±0.01%to±10%(1%Standard)
Temperature Coefficient
>10W:±20ppm/K
1Wto10W:±50ppm/K
<1W:CallFactory
TemperatureRange
-55°Cto+275°C
DielectricStrength
1500VAC
Constuction
Centerlessgroundceramiccore
Tinnedcopperorcopperweldleads
High-temperatureepoxymoldingCompound
Anodizedaluminumhousing
Allweldedterminations
EnvironmentalPerformance
(MIL-STD202)
D
R
Dielectric
±0.2%+0.05W
LoadLife
±1%+0.05W
Storage
±0.2%+0.05W
MoistureResistance
±0.2%+0.05W
ThermalShock
±0.2%+0.05W
5XOverload(5s)
±0.2%+0.05W
Shock
±0.1%+0.05W
Vibration
±0.1%+0.05W
AluminumHousedWirewoundResistors
PowerDeratingCurve
Free-air Derating
A : UAL-5, UAL-10
B : UAL-25
C : UAL-50, UAL-100, UAL-250
D : UAL-300
0
50
100
150
200
250
300
350
0
20
40
60
80
100
120
AmbientTemperature(°C)
Mounted
on
Heatsink
A
B
C
D


Similar Part No. - UAL-25

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UAL-25 WILLOW-UAL-25 Datasheet
645Kb / 4P
   Aluminum Housed Wirewound Resistors
logo
Riedon Powertron
UAL-25 RIEDON-UAL-25 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL-25 RIEDON-UAL-25 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL-25 RIEDON-UAL-25 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
logo
Willow Technologies Ltd
UAL-250 WILLOW-UAL-250 Datasheet
645Kb / 4P
   Aluminum Housed Wirewound Resistors
More results

Similar Description - UAL-25

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UAL WILLOW-UAL Datasheet
645Kb / 4P
   Aluminum Housed Wirewound Resistors
logo
Riedon Powertron
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL10-20KF8 RIEDON-UAL10-20KF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-1K5F8 RIEDON-UAL25-1K5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-12RF8 RIEDON-UAL25-12RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL RIEDON-UAL Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-750RF8 RIEDON-UAL25-750RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-15RF8 RIEDON-UAL25-15RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL10-2R5F8 RIEDON-UAL10-2R5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL50-6RF8 RIEDON-UAL50-6RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com