Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE100 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STE100
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STE100 Datasheet HTML 6Page - STMicroelectronics STE100 Datasheet HTML 7Page - STMicroelectronics STE100 Datasheet HTML 8Page - STMicroelectronics STE100 Datasheet HTML 9Page - STMicroelectronics STE100 Datasheet HTML 10Page - STMicroelectronics STE100 Datasheet HTML 11Page - STMicroelectronics STE100 Datasheet HTML 12Page - STMicroelectronics STE100 Datasheet HTML 13Page - STMicroelectronics STE100 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
STE10/100
10/66
29
SMA
Status Master Abort.
1: means that STE10/100 received a master abort and has
terminated a master transaction.
0
R/W
28
STA
Status Target Abort.
1: means that STE10/100 received a target abort and has
terminated a master transaction.
0
R/W
27
---
Reserved.
26, 25
SDST
Status Device Select Timing. Indicates the timing of the chip’s
assertion of device select.
01: indicates a medium assertion of DEVSEL#
01
R/O
24
SDPR
Status Data Parity Report.
1: when three conditions are met:
a. STE10/100 asserted parity error (PERR#) or it detected
parity error asserted by another device.
b. STE10/100 is operating as a bus master.
c. STE10/100’s parity error response bit (bit 6 of CR1) is
enabled.
0
R/W
23
SFBB
Status Fast Back-to-Back
Always 1, since STE10/100 has the ability to accept fast back
to back transactions.
1
R/O
22~21
---
Reserved.
20
NC
New Capabilities. Indicates whether the STE10/100 provides a
list of extended capabilities, such as PCI power management.
1: the STE10/100 provides the PCI management function
0: the STE10/100 doesn’t provide New Capabilities.
Same as
bit 19 of
CSR18
RO
19~ 9
---
Reserved.
8
CSE
Command System Error Response
1: enable system error response. The STE10/100 will assert
SERR# when it finds a parity error during the address phase.
0
R/W
7
---
Reserved.
6
CPE
Command Parity Error Response
0: disable parity error response. STE10/100 will ignore any
detected parity error and keep on operating. Default value is
0.
1: enable parity error response. STE10/100 will assert system
error (bit 13 of CSR5) when a parity error is detected.
0
R/W
5~ 3
---
Reserved.
2
CMO
Command Master Operation Ability
0: disable the STE10/100 bus master ability.
1: enable the PCI bus master ability. Default value is 1 for
normal operation.
0
R/W
1
CMSA
Command Memory Space Access
0: disable the memory space access ability.
1: enable the memory space access ability.
0
R/W
Table 4. Configuration Registers Descriptions
Bit #
Name
Descriptions
Default Val
RW Type


Similar Part No. - STE100

ManufacturerPart #DatasheetDescription
logo
ABB
STE100 ABB-STE100 Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
logo
Vishay Siliconix
STE1000-50T4MI VISHAY-STE1000-50T4MI Datasheet
128Kb / 7P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
STE1000-60T4MI VISHAY-STE1000-60T4MI Datasheet
128Kb / 7P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
STE10000-10T4MI VISHAY-STE10000-10T4MI Datasheet
128Kb / 7P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
logo
STMicroelectronics
STE100A STMICROELECTRONICS-STE100A Datasheet
795Kb / 82P
   PCI 10/100 Ethernet controller with integrated PHY (3.3V)
More results

Similar Description - STE100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE10A STMICROELECTRONICS-STE10A Datasheet
795Kb / 82P
   PCI 10/100 Ethernet controller with integrated PHY (3.3V)
logo
Advanced Micro Devices
AM79C973 AMD-AM79C973 Datasheet
2Mb / 304P
   PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
   ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
logo
Davicom Semiconductor, ...
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
   USB to Ethernet MAC Controller with Integrated 10/100 PHY
DM9000 DAVICOM-DM9000_09 Datasheet
602Kb / 53P
   ISA to Ethernet MAC Controller with Integrated 10/100 PHY
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
   Integrated 10/100 Ethernet MAC PHY
DM9601 ETC1-DM9601 Datasheet
603Kb / 58P
   USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111 Datasheet
1Mb / 142P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
LAN91C111 SMSC-LAN91C111_11 Datasheet
1Mb / 133P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
Microchip Technology
LAN91C111 MICROCHIP-LAN91C111 Datasheet
1Mb / 125P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com