Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB-C515A-4R Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # SAB-C515A-4R
Description  8-Bit CMOS Microcontroller
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB-C515A-4R Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button SAB-C515A-4R Datasheet HTML 3Page - Siemens Semiconductor Group SAB-C515A-4R Datasheet HTML 4Page - Siemens Semiconductor Group SAB-C515A-4R Datasheet HTML 5Page - Siemens Semiconductor Group SAB-C515A-4R Datasheet HTML 6Page - Siemens Semiconductor Group SAB-C515A-4R Datasheet HTML 7Page - Siemens Semiconductor Group SAB-C515A-4R Datasheet HTML 8Page - Siemens Semiconductor Group SAB-C515A-4R Datasheet HTML 9Page - Siemens Semiconductor Group SAB-C515A-4R Datasheet HTML 10Page - Siemens Semiconductor Group SAB-C515A-4R Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 182 page
background image
Introduction
C515A
Semiconductor Group
1-2
1997-08-01
Listed below is a summary of the main features of the C515A:
Full upward compatibility with SAB 80C515A/83C515A-5
Up to 24 MHz external operating frequency
– 500 ns instruction cycle at 24 MHz operation
32K byte on-chip ROM (with optional ROM protection)
alternatively up to 64K byte external program memory
Up to 64K byte external data memory
256 byte on-chip RAM
1K byte on-chip RAM (XRAM)
On-chip emulation support logic (Enhanced Hooks Technology TM)
Six 8-bit parallel I/O ports
One input port for analog/digital input
Full duplex serial interface (USART)
– 4 operating modes, fixed or variabie baud rates
Three 16-bit timer/counters
– Timer 0 / 1 (C501 compatible)
– Timer 2 for 16-bit reload, compare, or capture functions
10-bit A/D converter
– 8 multiplexed analog inputs
– Built-in self calibration
16-bit watchdog timer
Power saving modes
– Slow down mode
– Idle mode (can be combined with slow down mode)
– Software power down mode with wake-up capability through INT0 pin
– Hardware power down mode
12 interrupt sources (7 external, 5 internal) selectable at 4 priority levels
ALE switch-off capability
P-MQFP-80 packages
Temperature Ranges : SAB-C515A-4R
T
A = 0 to 70 °C
SAF-C515A-4R
T
A = – 40 to 85 °C
SAH-C515A-4R
T
A = – 40 to 110 °C
SAK-C515A-4R
T
A = – 40 to 125 °C
(max. frequency : 18 MHz)


Similar Part No. - SAB-C515A-4R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-C515A-4R24M SIEMENS-SAB-C515A-4R24M Datasheet
634Kb / 58P
   8-Bit CMOS Microcontroller
SAB-C515A-4RM SIEMENS-SAB-C515A-4RM Datasheet
634Kb / 58P
   8-Bit CMOS Microcontroller
More results

Similar Description - SAB-C515A-4R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com