Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC80251G1D-16IB Datasheet(PDF) 9 Page - TEMIC Semiconductors

Part # TSC80251G1D-16IB
Description  Extended 8-bit Microcontroller with Serial Communication
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC80251G1D-16IB Datasheet(HTML) 9 Page - TEMIC Semiconductors

Back Button TSC80251G1D-16IB Datasheet HTML 5Page - TEMIC Semiconductors TSC80251G1D-16IB Datasheet HTML 6Page - TEMIC Semiconductors TSC80251G1D-16IB Datasheet HTML 7Page - TEMIC Semiconductors TSC80251G1D-16IB Datasheet HTML 8Page - TEMIC Semiconductors TSC80251G1D-16IB Datasheet HTML 9Page - TEMIC Semiconductors TSC80251G1D-16IB Datasheet HTML 10Page - TEMIC Semiconductors TSC80251G1D-16IB Datasheet HTML 11Page - TEMIC Semiconductors TSC80251G1D-16IB Datasheet HTML 12Page - TEMIC Semiconductors TSC80251G1D-16IB Datasheet HTML 13Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
TSC87251G1A
9
Rev. A
September 21, 1998
6.2. Data Memory
The TSC87251G1A implements 1 Kbyte of on–chip data RAM. Figure 5 shows the split of the internal and external
data memory spaces. This memory is mapped in the data space just over the 32 bytes of registers area (see TSC80251
Programmers’ Guide). Hence, the part of the on–chip RAM located from 20h to FFh is bit addressable. This on–chip
RAM is not accessible through the program/code memory space.
For faster computation with the on–chip EPROM code of the TSC87251G1A, its upper 8 Kbytes are also mapped in
the upper part of the region 00: if the On–Chip Code Memory Map configuration bit is cleared (EMAP# bit in
UCONFIG1 byte, see Figure 7). However, if EA# is tied to a low level, the TSC87251G1A derivative is running as
a ROMless product and the code is actually fetched in the corresponding external memory (i.e. the upper 8 Kbytes of
the lower 16 Kbytes of the segment FF:). If EMAP# bit is set, the on–chip EPROM is not accessible through the region
00:.
All the accesses to the portion of the data space with no on–chip memory mapped onto are redirected to the external
memory.
FF:3FFFh
FF:0000h
01:0000h
00:FFFFh
00:E000h
Data External
Memory Space
On–chip Memory
EPROM/OTPROM Code
FF:FFFFh
FF:4000h
00:0420h
FE:FFFFh
8 Kbytes
8 Kbytes
1 Kbyte
32 bytes reg.
EMAP#= 1
Data Segments
48 Kbytes
16 Kbytes
8 Kbytes
56 Kbytes
RAM Data
FE:0000h
01:FFFFh
64 Kbytes
64 Kbytes
EMAP#= 0
EA#= 1
00:DFFFh
FD:FFFFh
02:0000h
Reserved
EA#= 0
Figure 5. Data Memory Mapping
6.3. Special Function Registers
The Special Function Registers (SFRs) of the TSC87251G1A derivatives fall into the categories detailed in Table 3
to Table 11.
SFRs are placed in a reserved on–chip memory region S: which is not represented in the data memory mapping
(Figure 5). The relative addresses within S: of these SFRs are provided together with their reset values in Table 12.
They are upward compatible with the SFRs of the standard 80C51 and the Intel’s 80C251Sx family. In this table, the
C251 core registers are in italics and are described in the TSC80251 Programmer’s Guide. The other SFRs are described
in the TSC80251G1 Design Guide. All the SFRs are bit–addressable using the C251 instruction set.


Similar Part No. - TSC80251G1D-16IB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251G2D-16CB ATMEL-TSC80251G2D-16CB Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
TEMIC Semiconductors
TSC80251G2D-16CB TEMIC-TSC80251G2D-16CB Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
More results

Similar Description - TSC80251G1D-16IB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
NXP Semiconductors
P87C51MB2 PHILIPS-P87C51MB2 Datasheet
394Kb / 34P
   80C51 8-bit microcontroller family with extended memory
2001 Apr 06
logo
Intel Corporation
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB82525H-V21 SIEMENS-SAB82525H-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication Controller Extended
logo
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A_14 Datasheet
6Mb / 369P
   8-bit Microcontroller with 128Kbytes
logo
NXP Semiconductors
PCF84C85A PHILIPS-PCF84C85A Datasheet
115Kb / 20P
   Microcontroller with extended I/O
1996 Nov 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com