Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C03LI-T Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT24C03LI-T
Description  2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C03LI-T Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT24C03LI-T Datasheet HTML 4Page - Catalyst Semiconductor CAT24C03LI-T Datasheet HTML 5Page - Catalyst Semiconductor CAT24C03LI-T Datasheet HTML 6Page - Catalyst Semiconductor CAT24C03LI-T Datasheet HTML 7Page - Catalyst Semiconductor CAT24C03LI-T Datasheet HTML 8Page - Catalyst Semiconductor CAT24C03LI-T Datasheet HTML 9Page - Catalyst Semiconductor CAT24C03LI-T Datasheet HTML 10Page - Catalyst Semiconductor CAT24C03LI-T Datasheet HTML 11Page - Catalyst Semiconductor CAT24C03LI-T Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CAT24C03/05
8
Doc. No. 1116, Rev. B
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
READ OPERATIONS
Immediate Read
Upon receiving a Slave address with the R/W bit set to
‘1’, the CAT24C03/05 will interpret this as a request for
data residing at the current byte address in memory.
The CAT24C03/05 will acknowledge the Slave address,
will immediately shift out the data residing at the current
address, and will then wait for the Master to respond.
If the Master does not acknowledge the data (NoACK)
and then follows up with a STOP condition (Figure 9),
the CAT24C03/05 returns to Standby mode.
Selective Read
Selective Read operations allow the Master device to
select at random any memory location for a read opera-
tion. The Master device first performs a ‘dummy’ write
operation by sending the STARTcondition, slave address
and byte address of the location it wishes to read. After
the CAT24C03/05 acknowledges the byte address, the
Master device resends the START condition and the
slave address, this time with the R/W bit set to one. The
CAT24C03/05 then responds with its acknowledge and
sends the requested data byte. The Master device does
not acknowledge the data (NoACK) but will generate a
STOP condition (Figure 10).
Sequential Read
If during a Read session, the Master acknowledges
the 1st data byte, then the CAT24C03/05 will continue
transmitting data residing at subsequent locations until
the Master responds with a NoACK, followed by a STOP
(Figure 11). In contrast to Page Write, during Sequential
Read the address count will automatically increment to
and then wrap-around at end of memory (rather than
end of page).


Similar Part No. - CAT24C03LI-T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C03LI-T CATALYST-CAT24C03LI-T Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24C03LI-T3 ONSEMI-CAT24C03LI-T3 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
More results

Similar Description - CAT24C03LI-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAV24C02YE-GT3 ONSEMI-CAV24C02YE-GT3 Datasheet
148Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
May, 2011 ??Rev. 2
CAV24C02 ONSEMI-CAV24C02 Datasheet
151Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
April, 2011 ??Rev. 1
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com