Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C03TDI-G3 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT24C03TDI-G3
Description  2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C03TDI-G3 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT24C03TDI-G3 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C03TDI-G3 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C03TDI-G3 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C03TDI-G3 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C03TDI-G3 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C03TDI-G3 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C03TDI-G3 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C03TDI-G3 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C03TDI-G3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 1116, Rev. B
CAT24C03/05
2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
PIN CONFIGURATION
FUNCTIONAL SYMBOL
FEATURES
Supports Standard and Fast I2C Protocol
1.8 V to 5.5 V Supply Voltage Range
16-Byte Page Write Buffer
Hardware Write Protection for upper half of
memory
Schmitt Triggers and Noise Suppression Filters
on I2C Bus Inputs (SCL and SDA).
Low power CMOS technology
1,000,000 program/erase cycles
100 year data retention
Industrial temperature range
RoHS-compliant 8-lead PDIP, SOIC, and TSSOP,
8-pad TDFN and 5-lead TSOT-23 packages.
PDIP (L)
SOIC (W)
TSSOP (Y)
TDFN (VP2)
VCC
VSS
SDA
SCL
WP
CAT24C03
CAT24C05
A2, A1, A0
DEVICE DESCRIPTION
The CAT24C03/CAT24C05 is a 2-kb/4-kb CMOS Serial
EEPROM device organized internally as 16/32 pages
of 16 bytes each, for a total of 256x8/512x8 bits. These
devices support both Standard (100kHz) as well as Fast
(400kHz) I2C protocol.
Data is written by providing a starting address, then
loading 1 to 16 contiguous bytes into a Page Write
Buffer, and then writing all data to non-volatile memory
in one internal write cycle. Data is read by providing a
starting address and then shifting out data serially while
automatically incrementing the internal address count.
Write operations can be inhibited for upper half of memory
by taking the WP pin High.
External address pins make it possible to address
up to eight CAT24C03 or four CAT24C05 devices on the
same bus.
8
7
6
5
VCC
WP
SCL
SDA
A2 / A2
NC / A0
CAT24C05 / 03
A1 / A1
VSS
1
2
3
4
For the location of Pin 1, please consult the corresponding package drawing.
PIN FUNCTIONS
A0, A1, A2
Device Address Inputs
SDA
Serial Data Input/Output
SCL
Serial Clock Input
WP
Write Protect Input
VCC
Power Supply
VSS
Ground
NC
No Connect
* Catalyst carries the I2C protocol under a license from the Philips Corporation.
TSOT-23 (TD)
5
4
WP
VCC
SCL
VSS
SDA
1
2
3
For Ordering Information details, see page 17.


Similar Part No. - CAT24C03TDI-G3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C03TDI-GT3 CATALYST-CAT24C03TDI-GT3 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
CAT24C03TDI-GT3 CATALYST-CAT24C03TDI-GT3 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C03TDI-GT3 ONSEMI-CAT24C03TDI-GT3 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
More results

Similar Description - CAT24C03TDI-G3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAV24C02YE-GT3 ONSEMI-CAV24C02YE-GT3 Datasheet
148Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
May, 2011 ??Rev. 2
CAV24C02 ONSEMI-CAV24C02 Datasheet
151Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
April, 2011 ??Rev. 1
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com