Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

V58C2256164S Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part No. V58C2256164S
Description  HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V58C2256164S Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V58C2256164S Datasheet HTML 1Page - Mosel Vitelic, Corp V58C2256164S Datasheet HTML 2Page - Mosel Vitelic, Corp V58C2256164S Datasheet HTML 3Page - Mosel Vitelic, Corp V58C2256164S Datasheet HTML 4Page - Mosel Vitelic, Corp V58C2256164S Datasheet HTML 5Page - Mosel Vitelic, Corp V58C2256164S Datasheet HTML 6Page - Mosel Vitelic, Corp V58C2256164S Datasheet HTML 7Page - Mosel Vitelic, Corp V58C2256164S Datasheet HTML 8Page - Mosel Vitelic, Corp V58C2256164S Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
3
MOSEL VITELIC
V58C2256(804/404/164)S
V58C2256(804/404/164)S Rev. 1.4 October 2002
66 Pin Plastic TSOP-II
PIN CONFIGURATION
Top View
Pin Names
CK, CK
Differential Clock Input
CKE
Clock Enable
CS
Chip Select
RAS
Row Address Strobe
CAS
Column Address Strobe
WE
Write Enable
DQS (UDQS, LDQS)
Data Strobe (Bidirectional)
A0–A12
Address Inputs
BA0, BA1
Bank Select
DQ’s
Data Input/Output
DM (UDM, LDM)
Data Mask
VDD
Power (+2.5V)
VSS
Ground
VDDQ
Power for I/O’s (+2.5V)
VSSQ
Ground for I/O’s
NC
Not connected
VREF
Reference Voltage for Inputs
QFC
FET Control
1
2
3
4
5
6
9
10
11
12
13
14
7
8
15
16
17
18
19
20
21
22
66
65
64
63
62
61
58
57
56
55
54
53
60
59
52
51
50
49
48
47
46
45
23
24
25
44
43
42
26
27
41
40
28
29
30
31
32
33
39
38
37
36
35
34
VDD
NC
VDDQ
NC
DQ0
VSSQ
VDDQ
NC
DQ1
VSSQ
NC
NC
NC
NC
VDDQ
NC
NC
VDD
NC
WE
CAS
RAS
CS
NC
BA0
BA1
VSS
NC
VSSQ
NC
DQ3
VDDQ
VSSQ
NC
DQ2
VDDQ
NC
NC
NC
NC
VSSQ
DQS
NC
VREF
VSS
DM
CK
CK
CKE
NC
A12
A11
A9
AP/A10
A0
A1
A2
A3
VDD
VDD
DQ0
VDDQ
NC
DQ1
VSSQ
VDDQ
NC
DQ3
VSSQ
NC
NC
NC
DQ2
VDDQ
NC
NC
VDD
NC
WE
CAS
RAS
CS
NC
BA0
BA1
AP/A10
A0
A1
A2
A3
VDD
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
VDDQ
DQ5
DQ6
VSSQ
DQ7
NC
DQ3
DQ4
VDDQ
LDQS
NC
VDD
QFC/NC
LDM
WE
QFC/NC QFC/NC
CAS
RAS
CS
NC
BA0
BA1
AP/A10
A0
A1
A2
A3
VDD
A8
A7
A6
A5
A4
VSS
A11
A9
A8
A7
A6
A5
A4
VSS
A11
A9
A8
A7
A6
A5
A4
VSS
VSS
DQ7
VSSQ
NC
DQ5
VDDQ
VSSQ
NC
DQ4
VDDQ
NC
NC
NC
DQ5
VSSQ
DQS
NC
VREF
VSS
DM
CK
CK
CKE
NC
A12
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
DQ12
DQ11
VSSQ
UDQS
NC
VREF
VSS
UDM
CK
CK
CKE
NC
A12
66 PIN TSOP (II)
(400mil x 875 mil)
Bank Address
BA0-BA1
Row Address
A0-A12
Auto Precharge
A10
8Mb x 16
16Mb x 8
32Mb x 4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn