Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24103 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24103
Description  SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24103 Datasheet(HTML) 3 Page - Texas Instruments

  BQ24103 Datasheet HTML 1Page - Texas Instruments BQ24103 Datasheet HTML 2Page - Texas Instruments BQ24103 Datasheet HTML 3Page - Texas Instruments BQ24103 Datasheet HTML 4Page - Texas Instruments BQ24103 Datasheet HTML 5Page - Texas Instruments BQ24103 Datasheet HTML 6Page - Texas Instruments BQ24103 Datasheet HTML 7Page - Texas Instruments BQ24103 Datasheet HTML 8Page - Texas Instruments BQ24103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
bq24100, bq24103, bq24105
bq24108, bq24113, bq24115
SLUS606B − JUNE 2004 − REVISED NOVEMBER 2004
3
www.ti.com
PACKAGE DISSIPATION RATINGS
PACKAGE
θJA
TA <40°C
POWER RATING
DERATING FACTOR
ABOVE TA =40°C
RHL(1)
46.87 °C/W
1.81 W
0.021 W/°C
(1) This data is based on using the JEDEC High-K board, and the exposed die pad is connected to a copper pad on the board. This is connected
to the ground plane by a 2x3 via matrix.
ABSOLUTE MAXIMUM RATINGS(1)
UNIT
Supply voltage range, (with respect to VSS)
IN, VCC
20
STAT1, STAT2, PG, CE, CELLS, SNS, BAT
−0.3 to 20
OUT
−0.7 to 20
Input voltage range, (with respect to VSS and PGND)
CMODE, TS, TTC
7
V
Input voltage range, (with respect to VSS and PGND)
VTSB
3.6
V
ISET1, ISET2
3.3
Voltage difference between SNS and BAT inputs
(VSNS − VBAT)
± 1
Output sink
STAT1, STAT2, PG
10
mA
Output current (average)
OUT
2.2
A
Operating free−air temperature range, TA
−40 to 85
Junction temperature range, TJ
−40 to 125
°C
Storage temperature, Tstg
−65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VCC and IN (Tie together)
4.35
16.0
V
Operating junction temperature range, TJ
−40
125
°C
The IC continues to operate below Vmin, to 3.5 V, but the specifications are not tested nor guaranteed.
The inherent switching noise voltage spikes should not exceed the absolute maximum rating on either the IN or OUT pins. A tight layout minimizes
switching noise.


Similar Part No. - BQ24103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24103 TI-BQ24103 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
BQ24103 TI-BQ24103 Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24103 TI-BQ24103 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
bq24103 TI1-bq24103 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24103A TI-BQ24103A Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com