Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C161K Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # C161K
Description  16-Bit CMOS Single-Chip Microcontrollers
Download  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C161K Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button C161K Datasheet HTML 7Page - Siemens Semiconductor Group C161K Datasheet HTML 8Page - Siemens Semiconductor Group C161K Datasheet HTML 9Page - Siemens Semiconductor Group C161K Datasheet HTML 10Page - Siemens Semiconductor Group C161K Datasheet HTML 11Page - Siemens Semiconductor Group C161K Datasheet HTML 12Page - Siemens Semiconductor Group C161K Datasheet HTML 13Page - Siemens Semiconductor Group C161K Datasheet HTML 14Page - Siemens Semiconductor Group C161K Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 260 page
background image
Semiconductor Group
1-5
10Jul97@15:19h
Introduction / C161
Device Cross-Reference
The table below describes the differences between the three derivatives described in this data
sheet. This table provides an overview on the capabilities of each derivative for a quick comparison.
Complete Development Support
A variety of software and hardware development tools for the Siemens family of 16-bit
microcontrollers is available from experienced international tool suppliers. The high quality and
reliability of these tools is already proven in many applications and by many users. The tool
environment for the Siemens 16-bit microcontrollers includes the following tools:
Compilers (C, MODULA2, FORTH)
Macro-Assemblers, Linkers, Locaters, Library Managers, Format-Converters
Architectural Simulators
HLL debuggers
Real-Time operating systems
VHDL chip models
In-Circuit Emulators (based on bondout or standard chips)
Plug-In emulators
Emulation and Clip-Over adapters, production sockets
Logic Analyzer disassemblers
Evaluation Boards with monitor programs
Industrial boards (also for CAN, FUZZY, PROFIBUS, FORTH applications)
Network driver software (CAN, PROFIBUS)
Feature
C161V
C161K
C161O
Internal RAM Size (IRAM)
1 KByte
1 KByte
2 KBytes
Chip Select Signals
---
2
4
Bus Modes
MUX
MUX / Demux
MUX / Demux
Power Saving Modes
---
yes
yes
Fast External Interrupts
4
4
7
General Purpose Timer Unit 1 (GPT1)
yes
yes
yes
Input / Output Functionality of GPT1
---
yes
yes
General Purpose Timer Unit 2 (GPT2)
with Capture Input (CAPIN) Functionality
---
---
yes
Built-in Bootstrap Loader
---
yes
yes


Similar Part No. - C161K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C161K INFINEON-C161K Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
logo
Siemens Semiconductor G...
C161K SIEMENS-C161K Datasheet
791Kb / 43P
   16-Bit CMOS Single-Chip Microcontroller
More results

Similar Description - C161K

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
C165 SIEMENS-C165_96 Datasheet
3Mb / 283P
   16-Bit CMOS Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com