Electronic Components Datasheet Search |
|
SAB-C515 Datasheet(PDF) 8 Page - Siemens Semiconductor Group |
|
SAB-C515 Datasheet(HTML) 8 Page - Siemens Semiconductor Group |
8 / 160 page Introduction C515 Semiconductor Group 1-2 Listed below is a summary of the main features of the C515: ¥ Full upward compatibility with SAB 80C515 ¥ Up to 24 MHz external operating frequency – 500 ns instruction cycle at 24 MHz operation ¥ 8K byte on-chip ROM (with optional ROM protection) – alternatively up to 64K byte external program memory ¥ Up to 64K byte external data memory ¥ 256 byte on-chip RAM ¥ On-chip emulation support logic (Enhanced Hooks Technology TM) ¥ Six 8-bit parallel I/O ports ¥ One input port for analog/digital input ¥ Full duplex serial interface (USART) – 4 operating modes, fixed or variabie baud rates ¥ Three 16-bit timer/counters – Timer 0 / 1 (C501 compatible) – Timer 2 for 16-bit reload, compare, or capture functions ¥ 8-bit A/D converter – 8 multiplexed analog inputs – programmable reference voltages ¥ 16-bit watchdog timer ¥ Power saving modes – Idle mode – Slow down mode (can be combined with idle mode) – Software power-down mode ¥ 12 interrupt sources (7 external, 5 internal) selectable at four priority levels ¥ ALE switch-off capability (C515-LM/1RM only) ¥ P-LCC-68 and P-MQFP-80 packages ¥ Temperature Ranges: SAB-C515 T A = 0 to 70 °C SAF-C515 T A = -40 to 85 °C SAH-C515 T A = -40 to 110 °C (max. operating frequency: 16 MHz) |
Similar Part No. - SAB-C515 |
|
Similar Description - SAB-C515 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |