Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE70NM50 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STE70NM50
Description  N-CHANNEL 500V - 0.045ohm - 70A ISOTOP Zener-Protected MDmesh?줡ower MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE70NM50 Datasheet(HTML) 6 Page - STMicroelectronics

  STE70NM50 Datasheet HTML 1Page - STMicroelectronics STE70NM50 Datasheet HTML 2Page - STMicroelectronics STE70NM50 Datasheet HTML 3Page - STMicroelectronics STE70NM50 Datasheet HTML 4Page - STMicroelectronics STE70NM50 Datasheet HTML 5Page - STMicroelectronics STE70NM50 Datasheet HTML 6Page - STMicroelectronics STE70NM50 Datasheet HTML 7Page - STMicroelectronics STE70NM50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STE70NM50
6/8
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times
Fig. 4: Gate Charge test Circuit
Fig. 2: Unclamped Inductive Waveform
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 3: Switching Times Test Circuit For
Resistive Load


Similar Part No. - STE70NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE70NM60 STMICROELECTRONICS-STE70NM60 Datasheet
311Kb / 8P
   N-CHANNEL 600V - 0.050W - 70A ISOTOP Zener-Protected MDmesh Power MOSFET
More results

Similar Description - STE70NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STY60NM50 STMICROELECTRONICS-STY60NM50 Datasheet
263Kb / 8P
   N-CHANNEL 500V - 0.045ohm - 60A Max247 Zener-Protected MDmesh?줡ower MOSFET
STE48NM50 STMICROELECTRONICS-STE48NM50 Datasheet
273Kb / 8P
   N-CHANNEL 500V - 0.08ohm - 48A ISOTOP MDmesh?줡ower MOSFET
STE70NM60 STMICROELECTRONICS-STE70NM60 Datasheet
311Kb / 8P
   N-CHANNEL 600V - 0.050W - 70A ISOTOP Zener-Protected MDmesh Power MOSFET
STD3NM50 STMICROELECTRONICS-STD3NM50 Datasheet
471Kb / 10P
   N-CHANNEL 500V - 2.5ohm - 3A DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STY60NM60 STMICROELECTRONICS-STY60NM60 Datasheet
288Kb / 8P
   N-CHANNEL 600V - 0.050ohm - 60A Max247 Zener-Protected MDmesh?줡ower MOSFET
STD2NM60 STMICROELECTRONICS-STD2NM60 Datasheet
474Kb / 10P
   N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STW20NM50 STMICROELECTRONICS-STW20NM50 Datasheet
256Kb / 8P
   N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh?줡ower MOSFET
STD5NM50 STMICROELECTRONICS-STD5NM50 Datasheet
463Kb / 10P
   N-CHANNEL 500V - 0.7ohm - 7.5A DPAK/IPAK MDmesh?줡ower MOSFET
STW47NM50 STMICROELECTRONICS-STW47NM50 Datasheet
117Kb / 6P
   N-CHANNEL 500V - 0.065ohm - 45A TO-247 MDmesh?줡ower MOSFET
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com