Electronic Components Datasheet Search |
|
TAT147K00612 Datasheet(PDF) 10 Page - Cornell Dubilier Electronics |
|
TAT147K00612 Datasheet(HTML) 10 Page - Cornell Dubilier Electronics |
10 / 12 page CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com Types TAT and TAX Wet Tantalum Capacitor –CLR 79 (MIL-C-39006/22) CLR 81 (MIL-C-39006/25) Performance Testing Seal: MIL-STD-202 - Method 112 • Conditions A, or D, and C Specified Pulse Shock Test: MIL-STD-202 - Method 213 includes the following: • Condition D (500g’s) • Mount the capacitor by its body securely on a fixture taking special care not to squeeze the leads. • While testing apply DC rated voltage. Record whether open or short circuiting, arching, or intermittent contact occurs. Use detecting equipment capable of detecting a disruption at a period of time up to 0.5 ms. • At the conclusion of testing examine the capacitors for evidence of arcing, breakdown, or mechanical damage. Thermal Shock: MIL-STD-202 – Method 107, Condition A (with step 3 at +125°C) In accordance with MIL-PRF-39006, the following shall apply:. • Take measurements before and after cycling. • Take measurements at 15-minute intervals at 300 cycles (Group C). • Take final measurements at room temperature. High Frequency Vibration: MIL-STD-202 - Method 204 includes the following: • Condition H (80g’s) • Mount the capacitor body securely on a fixture with the leads firmly supported. • Apply DC rated voltage while measuring specific electrical load conditions. • The vibration duration is 4 hours in two perpendicular directions for an overall time of 8 hours. • Take measurements during the last cycle vibration to determine open, short-circuiting or intermittent operation. Use detecting equipment capable of detecting a disruption at a period of time of 0.5ms or greater. Assess the units for mechanical damage and test for these electrical requirements:. o DC Leakage — Not greater than 1.25 initial limit o Capacitance — No change greater than ±5% of the initial limit o DF — Not greater than 1.15 of initial limit Random Vibration: MIL-STD-202 – Method 214 • Test condition II-K (51 g’s) Salt atmosphere: MIL-STD-202 – Method 101 • Condition B 48 hours Solderability: MIL-STD-202 – Method 208 • Test both terminations with the insertion depth of flux and solder within .062" of welded seam. Lead Terminal Strength: • Pull Test: MIL-STD-202 – Method 211, condition A • Wire-lead bend: Per MIL-PRF-39006. • During the test securely clamp the capacitor body. Apply a force of 3 pounds or 1.4 kg for 30 seconds. Moisture resistance: MIL-STD-202- Method 106, which includes the following: • Mount the capacitor body securely on a fixture taking special care not to squeeze the leads. • Apply 6 volts, polarizing and load voltage • At the time of the capacitors complete their final cycle remove them from the humidity chamber and measure per MIL-PRF-30006 for DC Leakage, dissipation factor, and capacitance. o DCL: 125% (Maximum) of +25°C value of standard ratings table o ∆Cap: Within ±8% of initial measurement o DF: 115% (maximum) of initial requirement |
Similar Part No. - TAT147K00612 |
|
Similar Description - TAT147K00612 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |