Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G513 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G513
Description  Pulse Transformers, Suitable for Data Interface
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

G513 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G513 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20
TAMURA CORPORATION
43352 Business Park Drive. | P.O. Box 892230 Temecula, CA 92589-2230 | www.tamuracorp.com
USA
Tel: 800-472-6624
Fax: 951-676-9482
Japan
Tel: 81 (0)3 3978-2111
Fax: 81 (0)3 3923-0230
United Kingdom
Tel: 44 (0) 1380 731 700
Fax: 44 (0) 1380 731 702
Hong Kong
Tel: 852-2389-4321
Fax: 852-2341-9689
Pulse Transformers
• Encapsulated Isolation Transformer
• Suitable for Data Interface
• Operating Temp 0°C to 70°C
www.tamuracorp.com
1
4
2
1
3
PRI
SEC
2
6
5
1
3
2
4
PRI
SEC
3
6
2
1
3
4
5
PRI
SEC
Mechanical Dimensions Inches (mm)
All dimensions are typical, please contact Tamura for
tolerances and suggested layout information.
Part No.
Primary
Turns Ratio Interwinding Capacitance Leakage Inductance
DCR
FIG
SCH
OCL mH
pF
µH
(W)
G516
0.50
1:1.3
32
0.7
1.35:1.35
A
1
G510
0.05
1CT:1CT
18
0.5
1.3:1.3
A
2
G509
0.50
1CT:1CT
32
0.4
1.3:1.3
A
2
G508
2.00
1CT:1CT
37
0.8
2.5:2.5
A
2
G517
1.00
1CT:1.41CT
32
1.5
1.5:1.5
A
2
G515
0.20
2CT:1CT
8
0.8
0.9:0.5
A
2
G512
2.00
2CT:1CT
19
1.8
2.5:1.4
A
2
G503
0.20
1:1:1
18
0.3
0.9:0.9:0.9
A
3
G502
0.50
1:1:1
32
0.4
1.3:1.3:1.3
A
3
G513
1.20
1:1:1
25
0.5
0.7:0.7:0.7
A
3
G514
1.20
1:1:1
30
0.7
0.7:0.7:0.7
A
3
G500
4.50
1:1:1
60
1.3
3.9:3.9:3.9
A
3
G701
10.00
1:1:1
127
3.0
8.9:8.9:8.9
B
3
G557
0.20
2:1:1
10
2.5
1.0:0.7:0.7
A
3
G507
0.40
2:1:1
11
1.1
1.3:0.7:0.7
A
3
G506
1.60
2:1:1
19
1.8
2.5:1.4:1.4
A
3
G505
5.0
2:1:1
33
3.6
3.9:2.0:2.0
A
3
8.9(0.35)
12.7(0.50)
6.5(0.26)
Fig. A
Schematics
10.8(0.43)
16.5(0.65)
8.9(0.35
Fig. B
Electrical Specification @ Ta=25°C


Similar Part No. - G513

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G513 ETC1-G513 Datasheet
82Kb / 1P
   PULSE TRANSFORMER
logo
Global Mixed-mode Techn...
G5130 GMT-G5130 Datasheet
323Kb / 10P
   PSM Step-up DC/DC Converter
G5130 GMT-G5130 Datasheet
609Kb / 11P
   PSM Step-up DC/DC Converter
G5130-25-T11U GMT-G5130-25-T11U Datasheet
323Kb / 10P
   PSM Step-up DC/DC Converter
G5130-25-T11UF GMT-G5130-25-T11UF Datasheet
323Kb / 10P
   PSM Step-up DC/DC Converter
More results

Similar Description - G513

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT10710 DATATRONICS-PT10710 Datasheet
88Kb / 1P
   PULSE TRANSFORMERS FOR DATA NETWORKING
logo
Nuvotem Talema
TRJ-20-6A TALEMA-TRJ-20-6A Datasheet
121Kb / 1P
   Pulse Transformers for RF
logo
MTRONPTI
PA4002P MTRONPTI-PA4002P Datasheet
318Kb / 3P
   Suitable for linear pulse applications
logo
TDK Electronics
ALT3232M TDK-ALT3232M Datasheet
118Kb / 9P
   Pulse Transformers For LAN interface Conforms to the RoHS Directive
logo
PREMO CORPORATION S.L
PT14B2 PREMO-PT14B2 Datasheet
662Kb / 6P
   Pulse transformers designed for Semikron
logo
Schurter Inc.
ITRA-0235-D103 SCHURTER-ITRA-0235-D103 Datasheet
279Kb / 3P
   Pulse transformers for THT mounting
04.01.2022
logo
Murata Manufacturing Co...
KMP_1000 MURATA-KMP_1000 Datasheet
109Kb / 2P
   Pulse Transformers
logo
TDK Electronics
TLA-6T127LF-T TDK-TLA-6T127LF-T Datasheet
412Kb / 34P
   Pulse transformers
logo
C&D Technologies
766 CANDD-766 Datasheet
302Kb / 2P
   Pulse Transformers
logo
List of Unclassifed Man...
76600-1 ETC2-76600-1 Datasheet
302Kb / 2P
   Pulse Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com