Electronic Components Datasheet Search |
|
TAT506M06013 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics |
|
TAT506M06013 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics |
1 / 12 page CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com Types TAT and TAX Wet Tantalum Capacitor – CLR 79 (MIL-C-39006/22) CLR 81 (MIL-C-39006/25) Operating Temperature: -55°C to +125°C, with voltage derating above 85°C, (Max voltage at 125ºC is 2/3 of the value at 85ºC) Working Voltage: 6 to 125 WVdc Tolerance: ±10%, ±20%, ±5% Capacitance: 1.7 to 2200 µF Key Features • Three volts reverse voltage capability • High ripple current capability • Tantalum case • Hermetically sealed • Low ESR, Low DCL • Extended range on TAX (M39006/25) • Standard high vibration and shock requirements on MIL type Applications • Filtering, bypass, coupling, energy storage • Low source impedance circuits • High charging current circuits Outline Dimensions Military Types CLR79 and CLR81 and CDE’s commercial equivalent TAT and TAX, all with Teflon inner-seal, glass-to- metal hermetic outer-seal, tantalum case construction, have higher ripple current capability and are more reliable than silver case units with their risk of short circuit failure from silver whiskers. The tantalum case with its sintered and anodized cathode connection affords a 3 V reverse voltage capability, and dc leakage current as little as 2 µA at 125º C. Commercial Types TAT for CLR79 and TAX for CLR81 General Specifications |
Similar Part No. - TAT506M06013 |
|
Similar Description - TAT506M06013 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |