Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT156J07512 Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # TAT156J07512
Description  Wet Tantalum Capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAT156J07512 Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

Back Button TAT156J07512 Datasheet HTML 2Page - Cornell Dubilier Electronics TAT156J07512 Datasheet HTML 3Page - Cornell Dubilier Electronics TAT156J07512 Datasheet HTML 4Page - Cornell Dubilier Electronics TAT156J07512 Datasheet HTML 5Page - Cornell Dubilier Electronics TAT156J07512 Datasheet HTML 6Page - Cornell Dubilier Electronics TAT156J07512 Datasheet HTML 7Page - Cornell Dubilier Electronics TAT156J07512 Datasheet HTML 8Page - Cornell Dubilier Electronics TAT156J07512 Datasheet HTML 9Page - Cornell Dubilier Electronics TAT156J07512 Datasheet HTML 10Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types TAT and TAX Wet Tantalum Capacitor –CLR 79 (MIL-C-39006/22)
CLR 81 (MIL-C-39006/25)
TAT(CLR79)
Maximum DC
Leakage
(µA)
Maximum %
Capacitance
change from Room
Temperature
Part Number MIL-C-
M39006/22 Failure Rate
Level/%1000 Hours
CDE Commercial
Part Number
Cap
(µF)
Cap
Tol (±)
Case
Code
Max
DF
%
Max ESR
@+25ºC
(Ω)
Max Ripple
@ +85°C
40kHz
(mA)
+25°C
+85°C
&
+125°C
-55°C +85°C +125°C M (1.0) P (0.1) R (0.01)
TAT476K 05012
47
10
2
11
3.11
1
9
1155
-28
+13
+15
0131
0351
0571
TAT476J 05012
47
5
2
11
3.11
1
9
1155
-28
+13
+15
0132
0352
0572
TAT606M 05013
60
20
3
12
2.65
2
12
1335
-16 +10.5
+12
0133
0353
0573
TAT606K 05013
60
10
3
12
2.65
2
12
1335
-16 +10.5
+12
0134
0354
0574
TAT606J 05013
60
5
3
12
2.65
2
12
1335
-16 +10.5
+12
0135
0355
0575
TAT826M 05013
82
20
3
15
2.43
2
16
1400
-32
+13
+15
0136
0356
0576
TAT826K 05013
82
10
3
15
2.43
2
16
1400
-32
+13
+15
0137
0357
0577
TAT826J 05013
82
5
3
15
2.43
2
16
1400
-32
+13
+15
0138
0358
0578
TAT167M 05014
160
20
4
17
1.41
8
32
1900
-50
+25
+25
0139
0359
0579
TAT167K 05014
160
10
4
17
1.41
8
32
1900
-50
+25
+25
0140
0360
0580
60 Volts Maximum at 85°C(40 Volts at 125°C), Surge Voltage 69 at 85°C
TAT405M 06011
4
20
1
2.8
9.29
1
2
525
-16
+5
+6
0141
0361
0581
TAT405K 06011
4
10
1
2.8
9.29
1
2
525
-16
+5
+6
0142
0362
0582
TAT405J 06011
4
5
1
2.8
9.29
1
2
525
-16
+5
+6
0143
0363
0583
TAT825M 06011
8.2
20
1
4
6.47
1
2
625
-24
+8
+9
0144
0364
0584
TAT825K 06011
8.2
10
1
4
6.47
1
2
625
-24
+8
+9
0145
0365
0585
TAT825J 06011
8.2
5
1
4
6.47
1
2
625
-24
+8
+9
0146
0366
0586
TAT206M 06012
20
20
2
7
4.64
1
5
930
-16 +10.5
+12
0147
0367
0587
TAT206K 06012
20
10
2
7
4.64
1
5
930
-16 +10.5
+12
0148
0368
0588
TAT206J 06012
20
5
2
7
4.64
1
5
930
-16 +10.5
+12
0149
0369
0589
TAT396M 06012
39
20
2
10
3.4
1
9
1110
-28 +10.5
+12
0150
0370
0590
TAT396K 06012
39
10
2
10
3.4
1
9
1110
-28 +10.5
+12
0151
0371
0591
TAT396J 06012
39
5
2
10
3.4
1
9
1110
-28 +10.5
+12
0152
0372
0592
TAT506M 06013
50
20
3
10
2.65
2
12
1330
16
+10.5
+12
0153
0373
0593
TAT506K 06013
50
10
3
10
2.65
2
12
1330
16
+10.5
+12
0154
0374
0594
TAT506J 06013
50
5
3
10
2.65
2
12
1330
16
+10.5
+12
0155
0375
0595
TAT686M 06013
68
20
3
13
2.54
2
16
1365
-32 +10.5
+12
0156
0376
0596
TAT686K 06013
68
10
3
13
2.54
2
16
1365
-32 +10.5
+12
0157
0377
0597
TAT686J 06013
68
5
3
13
2.54
2
16
1365
-32 +10.5
+12
0158
0378
0598
TAT147M 06014
140
20
4
16
1.52
8
32
1850
-40
+20
+20
0159
0379
0599
TAT147K 06014
140
10
4
16
1.52
8
32
1850
-40
+20
+20
0160
0380
0600
75 Volts Maximum at 85°C(50 Volts at 125°C), Surge Voltage 86.2 at 85°C
TAT355M 07511
3.5
20
1
2.5
9.48
1
2
525
-16
+5
+6
0161
0381
0601
TAT355K 07511
3.5
10
1
2.5
9.48
1
2
525
-16
+5
+6
0162
0382
0602
TAT355J 07511
3.5
5
1
2.5
9.48
1
2
525
-16
+5
+6
0163
0383
0603
TAT685M 07511
6.8
20
1
3.5
6.83
1
2
610
-20
8
+9
0164
0384
0604
TAT685K 07511
6.8
10
1
3.5
6.83
1
2
610
-20
8
+9
0165
0385
0605
TAT685J 07511
6.8
5
1
3.5
6.83
1
2
610
-20
8
+9
0166
0386
0606
TAT156M 07512
15
20
2
6
5.31
1
5
890
-16
+8
+9
0167
0387
0607
TAT156K 07512
15
10
2
6
5.31
1
5
890
-16
+8
+9
0168
0388
0608
TAT156J 07512
15
5
2
6
5.31
1
5
890
-16
+8
+9
0169
0389
0609
TAT336M 07512
33
20
2
10
4.02
1
10
1000
-24 +10.5
+15
0170
0390
0610
TAT336K 07512
33
10
2
10
4.02
1
10
1000
-24 +10.5
+15
0171
0391
0611
TAT336J07512
33
5
2
10
4.02
1
10
1000
-24 +10.5
+15
0172
0392
0612
TAT406M 07513
40
20
3
9
2.99
2
12
1250
-16 +10.5
+12
0173
0393
0613
TAT406K 07513
40
10
3
9
2.99
2
12
1250
-16 +10.5
+12
0174
0394
0614
TAT406J 07513
40
5
3
9
2.99
2
12
1250
-16 +10.5
+12
0175
0395
0615
TAT566M 07513
56
20
3
11
2.61
2
17
1335
-28 +10.5
+12
0176
0396
0616


Similar Part No. - TAT156J07512

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAT156J07512 ETC2-TAT156J07512 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
More results

Similar Description - TAT156J07512

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
   Wet Tantalum Capacitor
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
TWAD227K35CBDZ0000 AVX-TWAD227K35CBDZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWASERIES AVX-TWASERIES Datasheet
128Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
211D VISHAY-211D Datasheet
81Kb / 3P
   Type 211D Wet Tantalum Capacitor Array with Tantalum Cased
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com