Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT406J07513 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # TAT406J07513
Description  Wet Tantalum Capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAT406J07513 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  TAT406J07513 Datasheet HTML 1Page - Cornell Dubilier Electronics TAT406J07513 Datasheet HTML 2Page - Cornell Dubilier Electronics TAT406J07513 Datasheet HTML 3Page - Cornell Dubilier Electronics TAT406J07513 Datasheet HTML 4Page - Cornell Dubilier Electronics TAT406J07513 Datasheet HTML 5Page - Cornell Dubilier Electronics TAT406J07513 Datasheet HTML 6Page - Cornell Dubilier Electronics TAT406J07513 Datasheet HTML 7Page - Cornell Dubilier Electronics TAT406J07513 Datasheet HTML 8Page - Cornell Dubilier Electronics TAT406J07513 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types TAT and TAX Wet Tantalum Capacitor –
CLR 79 (MIL-C-39006/22)
CLR 81 (MIL-C-39006/25)
Operating Temperature:
-55°C to +125°C, with voltage derating above 85°C,
(Max voltage at 125ºC is 2/3 of the value at 85ºC)
Working Voltage:
6 to 125 WVdc
Tolerance:
±10%, ±20%, ±5%
Capacitance:
1.7 to 2200 µF
Key Features
Three volts reverse voltage capability
High ripple current capability
Tantalum case
Hermetically sealed
Low ESR, Low DCL
Extended range on TAX (M39006/25)
Standard high vibration and shock requirements on MIL type
Applications
• Filtering, bypass, coupling, energy storage
• Low source impedance circuits
• High charging current circuits
Outline Dimensions
Military Types CLR79 and CLR81 and CDE’s commercial
equivalent TAT and TAX, all with Teflon inner-seal, glass-to-
metal hermetic outer-seal, tantalum case construction, have
higher ripple current capability and are more reliable than silver
case units with their risk of short circuit failure from silver
whiskers. The tantalum case with its sintered and anodized
cathode connection affords a 3 V reverse voltage capability, and
dc leakage current as little as 2 µA at 125º C.
Commercial Types TAT for CLR79 and TAX for CLR81
General Specifications


Similar Part No. - TAT406J07513

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAT406J07513 ETC2-TAT406J07513 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
More results

Similar Description - TAT406J07513

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
   Wet Tantalum Capacitor
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
TWAD227K35CBDZ0000 AVX-TWAD227K35CBDZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWASERIES AVX-TWASERIES Datasheet
128Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
211D VISHAY-211D Datasheet
81Kb / 3P
   Type 211D Wet Tantalum Capacitor Array with Tantalum Cased
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com