Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGE50NB60HD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGE50NB60HD
Description  N-CHANNEL 50A - 600V ISOTOP PowerMESH IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGE50NB60HD Datasheet(HTML) 1 Page - STMicroelectronics

  STGE50NB60HD Datasheet HTML 1Page - STMicroelectronics STGE50NB60HD Datasheet HTML 2Page - STMicroelectronics STGE50NB60HD Datasheet HTML 3Page - STMicroelectronics STGE50NB60HD Datasheet HTML 4Page - STMicroelectronics STGE50NB60HD Datasheet HTML 5Page - STMicroelectronics STGE50NB60HD Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STGE50NB60HD
N-CHANNEL 50A - 600V ISOTOP
PowerMESH
™ IGBT
PRELIMINARY DATA
s
HIGH INPUT IMPEDANCE
(VOLTAGE DRIVEN)
s
LOW ON-VOLTAGE DROP (VCESAT)
s
LOW GATE CHARGE
s
HIGH CURRENT CAPABILITY
s
VERY HIGH FREQUENCY OPERATION
s
OFF LOSSES INCLUDE TAIL CURRENT
s
CO-PACKAGED WITH TURBOSWITCH
ANTIPARALLEL DIODE
DESCRIPTION
Using the latest high voltage technology based
on a patented strip layout, STMicroelectronics
has designed an advanced family of IGBTs, the
PowerMESH
IGBTs,
with
outstanding
perfomances. The suffix ”H” identifies a family
optimized to achieve very low switching times for
high frequency applications (<120kHz).
APPLICATIONS
s
HIGH FREQUENCY MOTOR CONTROLS
s
WELDING EQUIPMENTS
s
SMPS AND PFC IN BOTH HARD SWITCH
AND RESONANT TOPOLOGIES
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Volt age (VGS = 0)
600
V
VGE
G ate-Emitter Voltage
± 20
V
IC
Collector Current (continuous) at Tc =25
oC
100
A
IC
Collector Current (continuous) at Tc = 100
oC50
A
ICM(
•)
Collector Current (pulsed)
400
A
Ptot
T otal Dissipation at Tc =25
oC
300
W
Derating Fact or
2.4
W /
o C
Tstg
Storage T emperature
-65 t o 150
o C
Tj
Max. Operating Junction Temperat ure
150
o C
(
•) Pulse width limited by safe operating area
T YPE
VCES
VCE(sat)
IC
STGE50NB60HD
600 V
< 2.8 V
50 A
June 1999
ISOTOP
1/6


Similar Part No. - STGE50NB60HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGE50NC60VD STMICROELECTRONICS-STGE50NC60VD Datasheet
292Kb / 14P
   N-channel 50A - 600V - ISOTOP Very fast PowerMESTM IGBT
STGE50NC60WD STMICROELECTRONICS-STGE50NC60WD Datasheet
289Kb / 14P
   N-channel 50A - 600V - ISOTOP Ultra fast switching PowerMESHTM IGBT
More results

Similar Description - STGE50NB60HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGE200NB60S STMICROELECTRONICS-STGE200NB60S Datasheet
274Kb / 13P
   N-CHANNEL 150A - 600V - ISOTOP PowerMESH??IGBT
STGY50NB60HD STMICROELECTRONICS-STGY50NB60HD Datasheet
45Kb / 6P
   N-CHANNEL 50A - 600V MAX247 PowerMESH IGBT
STGW50NB60H STMICROELECTRONICS-STGW50NB60H Datasheet
50Kb / 5P
   N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT
STGW50NB60M STMICROELECTRONICS-STGW50NB60M Datasheet
299Kb / 9P
   N-CHANNEL 50A - 600V - TO-247 PowerMESH??IGBT
STGE50NC60VD STMICROELECTRONICS-STGE50NC60VD Datasheet
292Kb / 14P
   N-channel 50A - 600V - ISOTOP Very fast PowerMESTM IGBT
STGY40NC60VD STMICROELECTRONICS-STGY40NC60VD Datasheet
290Kb / 14P
   N-channel 600V - 50A - Max247 Very fast PowerMESH??IGBT
STGY40NC60V STMICROELECTRONICS-STGY40NC60V Datasheet
303Kb / 11P
   N-CHANNEL 50A - 600V - Max247 Very Fast PowerMESH IGBT
STGY50NC60WD STMICROELECTRONICS-STGY50NC60WD Datasheet
134Kb / 11P
   N-channel 600V - 50A - Max247 Very fast PowerMESH IGBT
STGE50NC60WD STMICROELECTRONICS-STGE50NC60WD Datasheet
289Kb / 14P
   N-channel 50A - 600V - ISOTOP Ultra fast switching PowerMESHTM IGBT
STGW40NC60V STMICROELECTRONICS-STGW40NC60V Datasheet
319Kb / 9P
   N-CHANNEL 50A - 600V TO-247 Hyper Fast PowerMESH??IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com