Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVXC3245 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74LVXC3245
Description  OCTAL DUAL SUPPLY BUS TRANSCEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVXC3245 Datasheet(HTML) 2 Page - STMicroelectronics

  74LVXC3245 Datasheet HTML 1Page - STMicroelectronics 74LVXC3245 Datasheet HTML 2Page - STMicroelectronics 74LVXC3245 Datasheet HTML 3Page - STMicroelectronics 74LVXC3245 Datasheet HTML 4Page - STMicroelectronics 74LVXC3245 Datasheet HTML 5Page - STMicroelectronics 74LVXC3245 Datasheet HTML 6Page - STMicroelectronics 74LVXC3245 Datasheet HTML 7Page - STMicroelectronics 74LVXC3245 Datasheet HTML 8Page - STMicroelectronics 74LVXC3245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74LVXC3245
2/14
Figure 2: Input And Output Equivalent Circuit
Table 2: Pin Description
Table 3: Truth Table
X : Don’t Care
Z : High Impedance
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
PIN N°
SYMBOL
NAME AND FUNCTION
2
DIR
Directional Control
3, 4, 5, 6, 7,
8, 9, 10
A1 to A8
Data Inputs/Outputs
21, 20, 19,
18, 17, 16,
15, 14
B1 to B8
Data Inputs/Outputs
22
G
Output Enable Input
11, 12, 13
GND
Ground (0V)
23
NC
Not Connected
1VCCA
Positive Supply Voltage
24
VCCB
Positive Supply Voltage
INPUTS
FUNCTION
OUTPUT
G
DIR
A BUS
B BUS
L
L
OUTPUT
INPUT
A = B
L
H
INPUT
OUTPUT
B = A
H
X
ZZZ
Symbol
Parameter
Value
Unit
VCCA
Supply Voltage
-0.5 to +7.0
V
VCCB
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to VCCA + 0.5
V
VI/OA
DC I/O Voltage
-0.5 to VCCA + 0.5
V
VI/OB
DC I/O Voltage
-0.5 to VCCB + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 50
mA
IOA
DC Output Current
± 50
mA
IOB
DC Output Current
± 50
mA
ICCA
DC VCC or Ground Current
± 200
mA
ICCB
DC VCC or Ground Current
± 100
mA
Pd
Power Dissipation
180
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C


Similar Part No. - 74LVXC3245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVXC3245 FAIRCHILD-74LVXC3245 Datasheet
70Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245 FAIRCHILD-74LVXC3245 Datasheet
81Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LVXC3245 ONSEMI-74LVXC3245 Datasheet
511Kb / 11P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver
February 2009
logo
Fairchild Semiconductor
74LVXC3245MTC FAIRCHILD-74LVXC3245MTC Datasheet
70Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245MTC FAIRCHILD-74LVXC3245MTC Datasheet
81Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
More results

Similar Description - 74LVXC3245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS Datasheet
286Kb / 9P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX4245 STMICROELECTRONICS-74LVX4245 Datasheet
309Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX3245 STMICROELECTRONICS-74LVX3245_04 Datasheet
330Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC4245 STMICROELECTRONICS-74LVXC4245_04 Datasheet
344Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS_07 Datasheet
192Kb / 9P
   Dual Supply Octal Bus Transceiver
TC74LVXC3245FS TOSHIBA-TC74LVXC3245FS_07 Datasheet
200Kb / 10P
   Dual Supply Octal Configurable Voltage Interface Bus Transceiver
logo
ON Semiconductor
MC74LVXC3245DWRG ONSEMI-MC74LVXC3245DWRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245DTRG ONSEMI-MC74LVXC3245DTRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com