Electronic Components Datasheet Search |
|
AGQ2104H Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works) |
|
AGQ2104H Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works) |
3 / 4 page GQ 131 r: For each surface-mounted terminal variation, input the following letter. A type: A, S type: S 1) Standard packing: 50 pcs.(tube), 900pcs. (tape and reel)in an inner package; 1,000 pcs.(tube), 1,800pcs. (tape and reel)in an outer package 2) Specified value of pick-up, drop-out, set and reset voltage is with the condition of square wave coil pulse. Operating Function Part No. Coil Rating, V DC Set voltage, V DC (max.) (initial) Reset voltage, V DC (max.) (initial) Nominal operating current, mA ( ±10%) Coil resistance, Ω (±10%) Nominal operating power, mW Max. allowable voltage, V DC Tube packing Tape and reel packing 1 coil latching AGQ210r1H AGQ210r1HZ 1.5 1.13 1.13 66.7 22.5 100 2.25 AGQ210r03 AGQ210r03Z 3 2.25 2.25 33.3 90 100 4.5 AGQ210r4H AGQ210r4HZ 4.5 3.38 3.38 22.2 202.5 100 6.75 AGQ210r06 AGQ210r06Z 6 4.5 4.5 16.7 360 100 9 AGQ210r09 AGQ210r09Z 9 6.75 6.75 11.1 810 100 13.5 AGQ210r12 AGQ210r12Z 12 9 9 8.3 1,440 100 18 AGQ210r24 AGQ210r24Z 24 18 18 5.0 4,800 120 36 DIMENSIONS 1. PC board terminal 10.60 ±0.3 .417 ±.012 0.40 ±0.1 .016 ±.004 2.20 ±0.15 .087 ±.006 2.20 ±0.15 .087 ±.006 3.20 ±0.15 .126 ±.006 3.50 ±0.3 .138 ±.012 5.20 ±0.2 .205 ±.008 7.20 ±0.3 .283 ±.012 0.20 ±0.1 .008 ±.004 5.08 ±0.15 .200 ±.006 PC board pattern Tolerance: ±0.1 ±.004 5.08 .200 2.20 .087 2.20 .087 3.20 .126 8-0.85 dia. 8-.033 dia. Schematic (Bottom view) Single side stable (Deenergized condition) 1 coil latching (Reset condition) Direction indication 4 3 2 1 5 6 7 8 Direction indication 4 3 2 1 5 6 7 8 mm inch 2. Surface-mount terminal 1) A type 10.60 ±0.3 .417 ±.012 0.40 ±0.1 .016 ±.004 Max. 5.40 .213 8.40 ±0.3 .331 ±.012 3.20 ±0.15 .126 ±.006 2.20 ±0.15 .087 ±.006 2.20 ±0.15 .087 ±.006 7.20 ±0.3 .283 ±.012 0.20 ±0.1 .008 ±.004 5.08 ±0.15 .200 ±.006 Suggested mounting pad Single side stable/ 1 coil latching 3.20 .126 2.20 .087 2.20 .087 0.80 .031 2.66 .105 6.74 .265 1) S type 10.60 ±0.3 .417 ±.012 Max. 5.40 .213 0.40 ±0.1 .016 ±.004 3.20 ±0.15 .126 ±.006 2.20 ±0.15 .087 ±.006 2.20 ±0.15 .087 ±.006 7.20 ±0.3 .283 ±.012 7.20 ±0.3 .283 ±.012 0.20 ±0.1 .008 ±.004 5.08 ±0.15 .200 ±.006 Suggested mounting pad Single side stable/ 1 coil latching Tolerance: ±0.1 ±.004 3.20 .126 2.20 .087 2.20 .087 0.80 .031 2.06 .081 6.14 .242 Schematic (Top view) Single side stable (Deenergized condition) 1 coil latcing (Reset condition) Direction indication 4 3 2 1 5 6 7 8 Direction indication 4 3 2 1 5 6 7 8 REFERENCE DATA 1. Max. switching capacity 2. Life curve 30 100 Contact voltage, V 1.0 0.3 DC resistive load AC resistive load Switching current, A 0.2 0.4 0.6 0.8 1.0 1.2 100 50 30 40 20 10 0 DC 30V resistive load AC 125V resistive load |
Similar Part No. - AGQ2104H |
|
Similar Description - AGQ2104H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |