Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMCF326BR Datasheet(PDF) 9 Page - Analog Devices

Part # ADMCF326BR
Description  28-Lead Flash Memory DSP Motor Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF326BR Datasheet(HTML) 9 Page - Analog Devices

Back Button ADMCF326BR Datasheet HTML 5Page - Analog Devices ADMCF326BR Datasheet HTML 6Page - Analog Devices ADMCF326BR Datasheet HTML 7Page - Analog Devices ADMCF326BR Datasheet HTML 8Page - Analog Devices ADMCF326BR Datasheet HTML 9Page - Analog Devices ADMCF326BR Datasheet HTML 10Page - Analog Devices ADMCF326BR Datasheet HTML 11Page - Analog Devices ADMCF326BR Datasheet HTML 12Page - Analog Devices ADMCF326BR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ADMCF326
–9–
REV. 0
Serial Port
The ADMCF326 incorporates a complete synchronous serial port
(SPORT1) for serial communication and multiprocessor com-
munication. The following is a brief list of capabilities of the
ADMCF326 SPORT1. Refer to the ADSP-2100 Family User’s
Manual, Third Edition, for further details.
• SPORT1 is bidirectional and has a separate, double-buffered
transmit and receive section.
• SPORT1 can use an external serial clock or generate its own
serial clock internally.
• SPORT1 has independent framing for the receive and trans-
mit sections. Sections run in a frameless mode or with frame
synchronization signals internally or externally generated.
Frame synchronization signals are active high or inverted,
with either of two pulsewidths and timings.
• SPORT1 supports serial data word lengths from 3 bits to 16 bits
and provides optional A-law and
µ-law companding accord-
ing to ITU (formerly CCITT) recommendation G.711.
• SPORT1 receive and transmit sections can generate unique
interrupts on completing a data word transfer.
• SPORT1 can receive and transmit an entire circular buffer of
data with only one overhead cycle per data word. An interrupt is
generated after a data buffer transfer.
• SPORT1 can be configured to have two external interrupts
(IRQ0 and IRQ1), and the Flag In and Flag Out signals.
The internally generated serial clock may still be used in
this configuration.
• SPORT1 has two data receive pins (DR1A and DR1B), which
are internally multiplexed onto the one DR1 port of the
SPORT1. The particular data receive pin selected is deter-
mined by a bit in the MODECTRL register.
PIN FUNCTION DESCRIPTION
The ADMCF326 is available in a 28-lead SOIC package.
Table I describes the pins.
Table I. Pin List
Pin Group
# of Input/
Name
Pins Output Function
RESET
1
I
Processor Reset Input
SPORT1
1
6
I/O
Serial Port 1 Pins (TFS1, RFS1,
DT1, DR1A, DR1B, SCLK1)
CLKOUT
1
1
O
Processor Clock Output
CLKIN, XTAL
2
I, O
External Clock or Quartz
Crystal Connection Point
PIO0–PIO8
1
9
I/O
Digital I/O Port Pins
AUX0–AUX1
1
2
O
Auxiliary PWM Outputs
AH–CL
6
O
PWM Outputs
PWMTRIP
1
I
PWM Trip Signal
V1, V2, V3
3
I
Analog Inputs
VAUX0–VAUX2 3
I
Auxiliary Analog Input
ICONST
1
O
ADC Constant Current Source
VDD
1
Power Supply
GND
1
Ground
NOTE
1Multiplexed pins, individually selectable through PIOSELECT and PIODATA1
registers.
INTERRUPT OVERVIEW
The ADMCF326 can respond to 16 different interrupt sources
with minimal overhead, five of which are internal DSP core
interrupts and 11 from the motor control peripherals. The five
DSP core interrupts are SPORT1 receive (or
IRQ0) and trans-
mit (or
IRQ1), the internal timer, and two software interrupts.
The motor control peripheral interrupts are the nine program-
mable I/Os and two from the PWM (PWMSYNC pulse and
PWMTRIP). All motor control interrupts are multiplexed into the
DSP core through the peripheral
IRQ2 interrupt. The interrupts
are internally prioritized and individually maskable. A detailed
description of the entire interrupt system of the ADMCF326 is
presented later, following a more detailed description of each
peripheral block.
MEMORY MAP
The ADMCF326 has two distinct memory types: program memory
and data memory. In general, program memory contains user
code and coefficients, while the data memory is used to store
variables and data during program execution. Three kinds of
program memory are provided on the ADMCF326: RAM, ROM,
and flash memory. The motor control peripherals are memory
mapped into a region of the data memory space starting at 0x2000.
The complete program and data memory maps are given in
Tables II and III, respectively.
Table II. Program Memory Map
Memory
Address Range
Type
Function
0x0000–0x002F
RAM
Internal Vector Table
0x0030–0x01FF
RAM
User Program Memory
0x0200–0x07FF
Reserved
0x0800–0x17FF
ROM
Reserved Program Memory
0x1800–0x1FFF
Reserved
0x2000–0x20FF
FLASH
User Program Memory
Sector 0
0x2100–0x21FF
FLASH
User Program Memory
Sector 1
0x2200–0x2FFF
FLASH
User Program Memory
Sector 2
0x3000–0x3FFF
Reserved
Table III. Data Memory Map
Memory
Address Range
Type
Function
0x0000–0x1FFF
Reserved
0x2000–0x20FF
Memory Mapped Registers
0x2100–0x37FF
Reserved
0x3800–0x39FF
RAM
User Data Memory
0x3A00–0x3BFF
RAM
Reserved
0x3C00–0x3FFF
Memory Mapped Registers


Similar Part No. - ADMCF326BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMCF326BRZ AD-ADMCF326BRZ Datasheet
528Kb / 36P
   28-Lead Flash Memory DSP Motor Controller
REV. B
More results

Similar Description - ADMCF326BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMCF326 AD-ADMCF326_15 Datasheet
528Kb / 36P
   28-Lead Flash Memory DSP Motor Controller
REV. B
ADMCF326BRZ AD-ADMCF326BRZ Datasheet
528Kb / 36P
   28-Lead Flash Memory DSP Motor Controller
REV. B
ADMCF327 AD-ADMCF327 Datasheet
253Kb / 36P
   28-Lead Flash Memory DSP Switched Reluctance Motor Controller
REV. 0
ADMCF327 AD-ADMCF327_15 Datasheet
241Kb / 36P
   28-Lead Flash Memory DSP Switched Reluctance Motor Controller
REV. 0
ADMCF328-EVALKIT AD-ADMCF328-EVALKIT Datasheet
999Kb / 36P
   28-Lead Flash Memory DSP Motor Controller with Current Sense
REV. A
ADMCF328 AD-ADMCF328_15 Datasheet
999Kb / 36P
   28-Lead Flash Memory DSP Motor Controller with Current Sense
REV. A
ADMC326 AD-ADMC326 Datasheet
219Kb / 31P
   28-Lead ROM-Based DSP Motor Controller
REV. A
ADMC326 AD-ADMC326_15 Datasheet
240Kb / 32P
   28-Lead ROM-Based DSP Motor Controller
REV. C
ADMC328 AD-ADMC328_15 Datasheet
248Kb / 32P
   28-Lead ROM-Based DSP Motor Controller with Current Sense
REV. C
ADMC328 AD-ADMC328 Datasheet
234Kb / 32P
   28-Lead ROM-Based DSP Motor Controller with Current Sense
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com