Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320DM642AGDKS7EP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SM320DM642AGDKS7EP
Description  Video/Imaging Fixed Point Digital Signal Processor
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM320DM642AGDKS7EP Datasheet(HTML) 4 Page - Texas Instruments

  SM320DM642AGDKS7EP Datasheet HTML 1Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 2Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 3Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 4Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 5Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 6Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 7Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 8Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 170 page
background image
www.ti.com
1.3 Functional Block Diagram
HPI32
OR
HPI16
PCI-66
Test
C64x DSP Core
Data Path B
B Register File
B31−B16
B15−B0
Instruction Fetch
Instruction Dispatch
Advanced Instruction Packet
Instruction Decode
Data Path A
A Register File
A31−A16
A15−A0
Power-Down
Logic
.L1
.S1
.M1 .D1
.D2
.M2
.S2
.L2
64
SDRAM
FIFO
SBSRAM
SRAM
L1P Cache
Direct-Mapped
16K Bytes Total
Control
Registers
Control
Logic
L1D Cache 2-Way Set-Associative
16K Bytes Total
Advanced
In-Circuit
Emulation
Interrupt
Control
TMS320DM642
Enhanced
DMA
Controller
(EDMA)
L2
Cache
Memory
256kBytes
PLL
(x1, x6, x12)
Timer 2
EMIF A
ZBT SRAM
Timer 1
Boot Configuration
ROM/FLASH
I/O Devices
Video Port 2
(VP2)
VCXO
Interpolated
Control Port
(VIC)
8/10-bit VP1
McBSP1(A)
Video Port 1
(VP1
)
AND
McASP0
Data
OR
OR
AND/OR
EMAC
MDIO
OR
GP0
I2C0
16
2
(B)
8/10-bit VP0
McBSP0(A)
Video Port 0
(VP0)
AND
McASP0
Control
OR
OR
Timer 0
SM320DM642-EP
Video/Imaging Fixed Point Digital Signal Processor
SGUS058B – JUNE 2007 – REVISED JANUARY 2008
Figure 1-1 shows the functional block diagram of the DM642 device.
A.
McBSPs: Framing Chips – H.100, MVIP, SCSA, T1, E1; AC97 Devices; SPI Devices; Codecs
B.
The Video Port 0 (VP0) peripheral is muxed with the McBSP0 peripheral and the McASP0 control pins. The Video
Port 1 (VP1) peripheral is muxed with the McBSP1 peripheral and the McASP0 data pins. The PCI peripheral is
muxed with the HPI(32/16), EMAC, and MDIO peripherals. For more details on the multiplexed pins of these
peripherals, see the Device Configurations section of this data sheet.
Figure 1-1. Functional Block Diagram
SM320DM642 Video/Imaging Fixed-Point Digital Signal Processor
4
Submit Documentation Feedback


Similar Part No. - SM320DM642AGDKS7EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320DM642AGDKS7EP TI-SM320DM642AGDKS7EP Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
More results

Similar Description - SM320DM642AGDKS7EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320DM642-EP TI-SM320DM642-EP_10 Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
TMS320DM642 TI-TMS320DM642 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM642 TI-TMS320DM642_08 Datasheet
1Mb / 176P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM643 TI-TMS320DM643_07 Datasheet
1Mb / 162P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM643AZDK5 TI1-TMS320DM643AZDK5 Datasheet
1Mb / 164P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM642 TI1-TMS320DM642_17 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
SM320DM642-HIREL TI1-SM320DM642-HIREL Datasheet
1Mb / 170P
[Old version datasheet]   SM320DM642-HiRel Video/Imaging Fixed Point Digital Signal Processor
TMS320DM640AZNZ4 TI1-TMS320DM640AZNZ4 Datasheet
1Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_05 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_08 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com