Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7216BLPL Datasheet(PDF) 9 Page - Harris Corporation

Part # ICM7216BLPL
Description  8-Digit Multi-Function Frequency Counter/Timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

ICM7216BLPL Datasheet(HTML) 9 Page - Harris Corporation

Back Button ICM7216BLPL Datasheet HTML 5Page - Harris Corporation ICM7216BLPL Datasheet HTML 6Page - Harris Corporation ICM7216BLPL Datasheet HTML 7Page - Harris Corporation ICM7216BLPL Datasheet HTML 8Page - Harris Corporation ICM7216BLPL Datasheet HTML 9Page - Harris Corporation ICM7216BLPL Datasheet HTML 10Page - Harris Corporation ICM7216BLPL Datasheet HTML 11Page - Harris Corporation ICM7216BLPL Datasheet HTML 12Page - Harris Corporation ICM7216BLPL Datasheet HTML 13Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
13-30
ICM7216A, ICM7216B, ICM7216D
Frequency - In this mode input A is counted by the Main
Counter for a precise period of time. This time is determined
by the time base oscillator and the selected range. For the
10MHz (or 1MHz) time base, the resolutions are 100Hz,
10Hz, 1Hz and 0.1Hz. The decimal point on the display is
set for kHz reading.
Period - In this mode, the timebase oscillator is counted by
the Main Counter for the duration of 1,10,100 or 1000 (range
selected) periods of the signal at input A. A 10MHz timebase
gives resolutions of 0.1
µs to 0.0001µs for 1000 periods aver-
aging. Note that the maximum input frequency for period
measurement is 2.5MHz.
Frequency Ratio - In this mode, the input A is counted by
the Main Counter for the duration of 1,10,100 or 1000 (range
selected) periods of the signal at input B. The frequency at
input A should be higher than input B for meaningful result.
The result in this case is unitless and its resolution can go up
to 3 digits after decimal point.
Time Interval - In this mode, the timebase oscillator is
counted by the Main Counter for the duration of a 1-0 transi-
tion of input A until a 1-0 transition of input B. This means
input A starts the counting and input B stops it. If other
ranges, except 0.01s/1 cycle are selected the sequence of
input A and B transitions must happen 10,100 or 1000 times
until the display becomes updated; note this when measur-
TABLE 2. 7216A/B INPUT ROUTING
FUNCTION
MAIN
COUNTER
REFERENCE COUNTER
Frequency (fA)
Input A
100Hz (Oscillator
÷105 or 104)
Period (tA)
Oscillator
Input A
Ratio (fA/fB)
Input A
Input B
Time Interval
(A
→B)
Oscillator
Input A
Input B
Unit Counter
(Count A)
Input A
Not Applicable
Osc. Freq.
(fOSC)
Oscillator
100Hz (Oscillator
÷105 or 104)
ing long time intervals to give enough time for measurement
completion. The resolution in this mode is the same as for
period measurement. See the Time Interval Measurement
section also.
Unit Counter - In this mode, the Main Counter is always
enabled. The input A is counted by the Main Counter and
displayed continuously.
Oscillator Frequency - In this mode, the device makes a
frequency measurement on its timebase. This is a self test
mode for device functionality check. For 10MHz timebase
the display will show 10000.0, 10000.00, 10000.000 and
Overflow in different ranges.
Range Input
The RANGE INPUT selects whether the measurement
period is made for 1,10,100 or 1000 counts of the Reference
Counter. As it is shown in Table 1, this gives different count-
ing windows for frequency measurement and various cycles
for other modes of measurement.
In all functional modes except Unit Counter, any change in
the RANGE INPUT will stop the present measurement with-
out updating the display and then initiate a new measure-
ment. This prevents an erroneous first reading after the
RANGE INPUT is changed.
Control Input
Unlike the other multiplexed inputs, to which only one of the
digit outputs can be connected at a time, this input can be
tied to different digit lines to select combination of controls.
In this case, isolation diodes must be used in digit lines to
avoid crosstalk between them (see Figure 17). The direction
of diodes depends on the device version, common anode or
common cathode. For maximum noise immunity at this input,
in addition to the 10K resistor which was mentioned before,
a 39pF to 100pF capacitor should also be placed between
this input and the VDD or VSS (See Figure 17).
Display Off - To disable the display drivers, it is necessary to
tie the D4 line to the CONTROL INPUT and have the HOLD
input at VDD. While in Display Off mode, the segments and
FIGURE 11. SIMPLIFIED BLOCK DIAGRAM OF FUNCTIONS IMPLEMENTATION
INTERNAL CONTROL
100Hz
INPUT A
INPUT B
INPUT
SELECTOR
INTERNAL OR
EXTERNAL
OSCILLATOR
INPUT A
ENABLE
CLOCK
MAIN COUNTER
RANGE SELECTOR
÷1
÷10
÷100 ÷1000
INTERNAL CONTROL
INTERNAL CONTROL
CLOCK
INTERNAL CONTROL
INPUT
SELECTOR
REFERENCE COUNTER


Similar Part No. - ICM7216BLPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7216BLPL INTERSIL-ICM7216BLPL Datasheet
141Kb / 17P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216BLPL INTERSIL-ICM7216BLPL Datasheet
642Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216BLPL INTERSIL-ICM7216BLPL Datasheet
458Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Renesas Technology Corp
ICM7216BlPl RENESAS-ICM7216BlPl Datasheet
808Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
More results

Similar Description - ICM7216BLPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7226A INTERSIL-ICM7226A_01 Datasheet
547Kb / 19P
   8-Digit, Multi-Function, Frequency Counter/Timer
ICM7226A INTERSIL-ICM7226A Datasheet
173Kb / 19P
   8-Digit, Multi-Function, Frequency Counter/Timer
ICM7216A INTERSIL-ICM7216A Datasheet
141Kb / 17P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Renesas Technology Corp
ICM7216B RENESAS-ICM7216B Datasheet
808Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Intersil Corporation
ICM7216B INTERSIL-ICM7216B Datasheet
642Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216B INTERSIL-ICM7216B_04 Datasheet
458Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
   MULTI-FUNCTION DIGITAL TIMER
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
MC-441 FOTEK-MC-441 Datasheet
887Kb / 2P
   Multi-function UP/Down counter
SC-3X FOTEK-SC-3X Datasheet
2Mb / 4P
   DIN 72X72 MULTI-FUNCTION COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com