Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCXXXADT Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC74HCXXXADT
Description  8-BIT SERIAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCXXXADT Datasheet(HTML) 6 Page - Motorola, Inc

  MC74HCXXXADT Datasheet HTML 1Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 2Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 3Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 4Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 5Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 6Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 7Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 8Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC54/74HC165A
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
6
SWITCHING WAVEFORMS
tr
tf
VCC
GND
90%
50%
10%
tPLH
tPHL
CLOCK
OR CLOCK INHIBIT
90%
50%
10%
tTLH
tTHL
QH OR QH
Figure 1. Serial–Shift Mode
SERIAL SHIFT/
PARALLEL LOAD
QH OR QH
50%
tPLH
50%
VCC
GND
tPHL
50%
Figure 2. Parallel–Load Mode
tr
tf
INPUT H
90%
50%
10%
90%
50%
10%
VCC
GND
tPHL
tTHL
tTLH
tPLH
QH OR QH
Figure 3. Parallel–Load Mode
50%
VCC
GND
th
VCC
GND
ASYNCHRONOUS PARALLEL
LOAD
(LEVEL SENSITIVE)
SERIAL SHIFT/
PARALLEL LOAD
INPUTS A–H
Figure 4. Parallel–Load Mode
INPUT SA
50%
50%
CLOCK
OR CLOCK INHIBIT
VCC
GND
VCC
GND
Figure 5. Serial–Shift Mode
SERIAL SHIFT/
PARALLEL LOAD
CLOCK
OR CLOCK INHIBIT
50%
50%
tsu
VCC
GND
VCC
GND
CLOCK 2 INHIBITED
CLOCK INHIBIT
CLOCK
50%
50%
tsu
trec
VCC
GND
VCC
GND
Figure 6. Serial–Shift Mode
Figure 7. Serial–Shift, Clock–Inhibit Mode
Figure 8. Test Circuit
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
tw
1/fmax
tw
VALID
tsu
VALID
tsu
th
th


Similar Part No. - MC74HCXXXADT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCXXXADT MOTOROLA-MC74HCXXXADT Datasheet
148Kb / 6P
   Quad 3-State Noninverting Buffers
MC74HCXXXADT MOTOROLA-MC74HCXXXADT Datasheet
250Kb / 9P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
MC74HCXXXADT MOTOROLA-MC74HCXXXADT Datasheet
234Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
MC74HCXXXADT MOTOROLA-MC74HCXXXADT Datasheet
268Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC74HCXXXADT MOTOROLA-MC74HCXXXADT Datasheet
168Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
More results

Similar Description - MC74HCXXXADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A Datasheet
112Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register
July, 2000 ??Rev. 4
logo
System Logic Semiconduc...
SL74HC165 SLS-SL74HC165 Datasheet
67Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
SL74HC166 SLS-SL74HC166 Datasheet
63Kb / 6P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
logo
ON Semiconductor
MC74HC595ADTR2G ONSEMI-MC74HC595ADTR2G Datasheet
159Kb / 11P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
September, 2012 ??Rev. 14
MC74HC597A ONSEMI-MC74HC597A Datasheet
150Kb / 12P
   8-Bit Serial or Parallel- Input/Serial-Output Shift Register
July, 2013 ??Rev. 3
MC74HC595A ONSEMI-MC74HC595A_16 Datasheet
122Kb / 13P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
December, 2016 ??Rev. 23
MC74HC165A ONSEMI-MC74HC165A_16 Datasheet
135Kb / 12P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
October, 2014 ??Rev. 9
logo
Integral Corp.
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
   8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
logo
System Logic Semiconduc...
SL74LS164 SLS-SL74LS164 Datasheet
36Kb / 4P
   8-Bit Serial-Input/Parallel-Output Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com