Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7216DLPL Datasheet(PDF) 8 Page - Harris Corporation

Part # ICM7216DLPL
Description  8-Digit Multi-Function Frequency Counter/Timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

ICM7216DLPL Datasheet(HTML) 8 Page - Harris Corporation

Back Button ICM7216DLPL Datasheet HTML 4Page - Harris Corporation ICM7216DLPL Datasheet HTML 5Page - Harris Corporation ICM7216DLPL Datasheet HTML 6Page - Harris Corporation ICM7216DLPL Datasheet HTML 7Page - Harris Corporation ICM7216DLPL Datasheet HTML 8Page - Harris Corporation ICM7216DLPL Datasheet HTML 9Page - Harris Corporation ICM7216DLPL Datasheet HTML 10Page - Harris Corporation ICM7216DLPL Datasheet HTML 11Page - Harris Corporation ICM7216DLPL Datasheet HTML 12Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
13-29
ICM7216A, ICM7216B, ICM7216D
Description
INPUTS A and B
INPUTS A and B are digital inputs with a typical switching
threshold of 2.0V at VDD = 5.0V. For optimum performance
the peak-to-peak input signal should be at least 50% of the
supply voltage and centered about the switching voltage.
When these inputs are being driven from TTL logic, it is
desirable to use a pullup resistor. The circuit counts high to
low transitions at both inputs. (INPUT B is available only on
lCM7216A and lCM7216B).
Note that the amplitude of the input should not exceed the
device supply (above the VDD and below the VSS) by more
than 0.3V, otherwise the device may be damaged.
Multiplexed Inputs
The FUNCTION, RANGE, CONTROL and EXTERNAL
DECIMAL POINT inputs are time multiplexed to select the
function desired. This is achieved by connecting the appro-
priate Digit driver output to the inputs. The function, range
and control inputs must be stable during the last half of each
digit output, (typically 125
µs). The multiplexed inputs are
active high for the common anode lCM7216A and active low
for the common cathode lCM7216B and lCM7216D.
Noise on the multiplex inputs can cause improper operation.
This is particularly true when the unit counter mode of
operation is selected, since changes in voltage on the digit
drivers can be capacitively coupled through the LED diodes
to the multiplex inputs. For maximum noise immunity, a 10k
resistor should be placed in series with the multiplexed
inputs as shown in the application circuits.
Table 1 shows the functions selected by each digit for these
inputs.
TABLE 1. MULTIPLEXED INPUT FUNCTIONS
FUNCTION
DIGIT
FUNCTION INPUT (Pin
3, lCM7216A and B
Only)
Frequency
D1
Period
D8
Frequency Ratio
D2
Time Interval
D5
Unit Counter
D4
Oscillator Frequency
D3
RANGE INPUT, Pin 14
0.01s/1 Cycle
D1
0.1s/10 Cycles
D2
1s/100 Cycles
D3
10s/1K Cycles
D4
CONTROL INPUT,
Pin 1
Display Off
D4 and
Hold
Display Test
D8
1MHz Select
D2
External Oscillator Enable
D1
External Decimal Point
Enable
D3
External DP INPUT (Pin
13, ICM7216D Only)
Decimal point is output for same digit
that is connected to this input.
FIGURE 9. WAVEFORM FOR GUARANTEED MINIMUM fA(MAX)
FUNCTION = FREQUENCY, FREQUENCY RATIO,
UNIT COUNTER
FIGURE 10. WAVEFORM FOR GUARANTEED MINIMUM fB(MAX)
AND fA(MAX) FOR FUNCTION = PERIOD AND TIME
INTERVAL
Function Input
The six functions that can be selected are: Frequency,
Period, Time Interval, Unit Counter, Frequency Ratio and
Oscillator Frequency. This input is available on the
lCM7216A and lCM7216B only.
The implementation of different functions is done by routing
the different signals to two counters, called “Main Counter”
and “Reference Counter”. A simplified block diagram of the
device for functions realization is shown in Figure 11. Table 2
shows which signals will be routed to each counter in
different cases. The output of the Main Counter is the
information which goes to the display. The Reference
Counter divides its input by 1, 10, 100 and 1000. One of
these outputs will be selected through the range selector
and drive the enable input of the Main Counter. This means
that the Reference Counter, along with its' associated
blocks, directs the Main Counter to begin counting and
determines the length of the counting period. Note that
Figure 11 does not show the complete functional diagram
(See the Functional Block Diagram). After the end of each
counting period, the output of the Main Counter will be
latched and displayed, then the counter will be reset and a
new measurement cycle will begin. Any change in the
FUNCTION INPUT will stop the present measurement
without updating the display and then initiate a new
measurement. This prevents an erroneous first reading after
the FUNCTION INPUT is changed. In all cases, the 1-0
transitions are counted or timed.
INPUT A
4.5V
0.5V
50ns MIN
tR = tF = 10ns
COUNTED
TRANSITIONS
50ns MIN
INPUT A OR
INPUT B
4.5V
0.5V
MEASURED
INTERVAL
250ns
MIN
tR = tF = 10s
250ns
MIN


Similar Part No. - ICM7216DLPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7216DLPL INTERSIL-ICM7216DLPL Datasheet
141Kb / 17P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216DLPL INTERSIL-ICM7216DLPL Datasheet
642Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216DLPL INTERSIL-ICM7216DLPL Datasheet
458Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Renesas Technology Corp
ICM7216DlPl RENESAS-ICM7216DlPl Datasheet
808Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
More results

Similar Description - ICM7216DLPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7226A INTERSIL-ICM7226A_01 Datasheet
547Kb / 19P
   8-Digit, Multi-Function, Frequency Counter/Timer
ICM7226A INTERSIL-ICM7226A Datasheet
173Kb / 19P
   8-Digit, Multi-Function, Frequency Counter/Timer
ICM7216A INTERSIL-ICM7216A Datasheet
141Kb / 17P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Renesas Technology Corp
ICM7216B RENESAS-ICM7216B Datasheet
808Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Intersil Corporation
ICM7216B INTERSIL-ICM7216B Datasheet
642Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216B INTERSIL-ICM7216B_04 Datasheet
458Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
   MULTI-FUNCTION DIGITAL TIMER
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
MC-441 FOTEK-MC-441 Datasheet
887Kb / 2P
   Multi-function UP/Down counter
SC-3X FOTEK-SC-3X Datasheet
2Mb / 4P
   DIN 72X72 MULTI-FUNCTION COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com