Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS8003PSRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AS8003PSRE4
Description  DUAL 2-INPUT POSITIVE-NAND GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS8003PSRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS8003PSRE4 Datasheet HTML 1Page - Texas Instruments SN74AS8003PSRE4 Datasheet HTML 2Page - Texas Instruments SN74AS8003PSRE4 Datasheet HTML 3Page - Texas Instruments SN74AS8003PSRE4 Datasheet HTML 4Page - Texas Instruments SN74AS8003PSRE4 Datasheet HTML 5Page - Texas Instruments SN74AS8003PSRE4 Datasheet HTML 6Page - Texas Instruments SN74AS8003PSRE4 Datasheet HTML 7Page - Texas Instruments SN74AS8003PSRE4 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN74AS8003
DUAL 2-INPUT POSITIVE-NAND GATE
SDAS305 – OCTOBER 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Packaged in Plastic Small-Outline Package
description
The
SN74AS8003
device
contains
two
independent 2-input positive-NAND gates. It
performs the Boolean functions Y = A
• B or
Y= A + B in positive logic.
The SN74AS8003 is characterized for operation
from 0
°C to 70°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
Y
H
H
L
L
XH
X
L
H
logic symbol
1
1A
2
1B
6
2A
7
2B
&
1Y
3
2Y
5
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
logic diagram (positive logic)
1Y
3
1
1A
2
1B
2Y
5
6
2A
7
2B
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1999, Texas Instruments Incorporated
PS PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1A
1B
1Y
GND
VCC
2B
2A
2Y
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74AS8003PSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS804B TI-SN74AS804B Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN74AS804B TI-SN74AS804B Datasheet
490Kb / 15P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN74AS804BDW TI-SN74AS804BDW Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN74AS804BDW TI-SN74AS804BDW Datasheet
490Kb / 15P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN74AS804BDWE4 TI-SN74AS804BDWE4 Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
More results

Similar Description - SN74AS8003PSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G00 TI-SN74LVC2G00_09 Datasheet
527Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
logo
Unisonic Technologies
U74LVC2G00 UTC-U74LVC2G00 Datasheet
161Kb / 6P
   DUAL 2-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74AHC2G00 TI1-SN74AHC2G00 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUC2G00 TI-SN74AUC2G00_07 Datasheet
517Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74LVC2G00W-EP TI1-SN74LVC2G00W-EP Datasheet
126Kb / 9P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74LVC2G00 TI-SN74LVC2G00 Datasheet
343Kb / 13P
[Old version datasheet]   DUAL 2 INPUT POSITIVE NAND GATE
SN74LVC2G00 TI1-SN74LVC2G00_18 Datasheet
1,001Kb / 24P
[Old version datasheet]   Dual 2-Input Positive-NAND Gate
SN74AUC2G00 TI-SN74AUC2G00 Datasheet
259Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74ALS8003A TI1-SN74ALS8003A_08 Datasheet
92Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74ALS8003A TI-SN74ALS8003A Datasheet
69Kb / 4P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com