Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC2302 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPIC2302
Description  3-Channel Constant Current-SOURCE POWER DMOS ARRAY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2302 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPIC2302 Datasheet HTML 4Page - Texas Instruments TPIC2302 Datasheet HTML 5Page - Texas Instruments TPIC2302 Datasheet HTML 6Page - Texas Instruments TPIC2302 Datasheet HTML 7Page - Texas Instruments TPIC2302 Datasheet HTML 8Page - Texas Instruments TPIC2302 Datasheet HTML 9Page - Texas Instruments TPIC2302 Datasheet HTML 10Page - Texas Instruments TPIC2302 Datasheet HTML 11Page - Texas Instruments TPIC2302 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TPIC2302
3CHANNEL COMMONSOURCE POWER DMOS ARRAY
SLIS028B − APRIL 1994 − REVISED SEPTEMBER 1995
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS
77251−1443
8
THERMAL INFORMATION
Figure 15
Figure 16
1
10
0.1
1
MAXIMUM DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
0.1
10
100
10 ms†
DC Conditions
1
µs†
TC = 25°C
VDS − Drain-to-Source Voltage − V
† Less than 0.1 duty cycle
500
µs†
1 ms†
1
10
0.01
0.1
1
10
MAXIMUM PEAK-AVALANCHE CURRENT
vs
TIME DURATION OF AVALANCHE
tav − Time Duration of Avalanche − ms
See Figure 4
TC = 25°C
TC = 125°C


Similar Part No. - TPIC2302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2301KV TI1-TPIC2301KV Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
More results

Similar Description - TPIC2302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC5302 TI-TPIC5302 Datasheet
171Kb / 11P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
TPIC5302D TI1-TPIC5302D Datasheet
211Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
logo
NXP Semiconductors
PSSI2021SAY PHILIPS-PSSI2021SAY Datasheet
51Kb / 8P
   Constant current source
2001 May 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com