Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGQ210A24Z Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # AGQ210A24Z
Description  ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AGQ210A24Z Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  AGQ210A24Z Datasheet HTML 1Page - Nais(Matsushita Electric Works) AGQ210A24Z Datasheet HTML 2Page - Nais(Matsushita Electric Works) AGQ210A24Z Datasheet HTML 3Page - Nais(Matsushita Electric Works) AGQ210A24Z Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GQ
131
r: For each surface-mounted terminal variation, input the following letter.
A type: A, S type: S
1) Standard packing: 50 pcs.(tube), 900pcs. (tape and reel)in an inner package; 1,000 pcs.(tube), 1,800pcs. (tape and reel)in an outer package
2) Specified value of pick-up, drop-out, set and reset voltage is with the condition of square wave coil pulse.
Operating
Function
Part No.
Coil Rating,
V DC
Set voltage,
V DC (max.)
(initial)
Reset
voltage,
V DC (max.)
(initial)
Nominal
operating
current,
mA (
±10%)
Coil
resistance,
Ω (±10%)
Nominal
operating
power,
mW
Max.
allowable
voltage,
V DC
Tube packing
Tape and reel
packing
1 coil
latching
AGQ210r1H
AGQ210r1HZ
1.5
1.13
1.13
66.7
22.5
100
2.25
AGQ210r03
AGQ210r03Z
3
2.25
2.25
33.3
90
100
4.5
AGQ210r4H
AGQ210r4HZ
4.5
3.38
3.38
22.2
202.5
100
6.75
AGQ210r06
AGQ210r06Z
6
4.5
4.5
16.7
360
100
9
AGQ210r09
AGQ210r09Z
9
6.75
6.75
11.1
810
100
13.5
AGQ210r12
AGQ210r12Z
12
9
9
8.3
1,440
100
18
AGQ210r24
AGQ210r24Z
24
18
18
5.0
4,800
120
36
DIMENSIONS
1. PC board terminal
10.60
±0.3
.417
±.012
0.40
±0.1
.016
±.004
2.20
±0.15
.087
±.006
2.20
±0.15
.087
±.006
3.20
±0.15
.126
±.006
3.50
±0.3
.138
±.012
5.20
±0.2
.205
±.008
7.20
±0.3
.283
±.012
0.20
±0.1
.008
±.004
5.08
±0.15
.200
±.006
PC board pattern
Tolerance:
±0.1 ±.004
5.08
.200
2.20
.087
2.20
.087
3.20
.126
8-0.85 dia.
8-.033 dia.
Schematic (Bottom view)
Single side stable
(Deenergized condition)
1 coil latching
(Reset condition)
Direction indication
4
3
2
1
5
6
7
8
Direction indication
4
3
2
1
5
6
7
8
mm inch
2. Surface-mount terminal
1) A type
10.60
±0.3
.417
±.012
0.40
±0.1
.016
±.004
Max. 5.40
.213
8.40
±0.3
.331
±.012
3.20
±0.15
.126
±.006
2.20
±0.15
.087
±.006
2.20
±0.15
.087
±.006
7.20
±0.3
.283
±.012
0.20
±0.1
.008
±.004
5.08
±0.15
.200
±.006
Suggested mounting pad
Single side stable/
1 coil latching
3.20
.126
2.20
.087
2.20
.087
0.80
.031
2.66
.105
6.74
.265
1) S type
10.60
±0.3
.417
±.012
Max. 5.40
.213
0.40
±0.1
.016
±.004
3.20
±0.15
.126
±.006
2.20
±0.15
.087
±.006
2.20
±0.15
.087
±.006
7.20
±0.3
.283
±.012
7.20
±0.3
.283
±.012
0.20
±0.1
.008
±.004
5.08
±0.15
.200
±.006
Suggested mounting pad
Single side stable/
1 coil latching
Tolerance:
±0.1 ±.004
3.20
.126
2.20
.087
2.20
.087
0.80
.031
2.06
.081
6.14
.242
Schematic (Top view)
Single side stable
(Deenergized condition)
1 coil latcing
(Reset condition)
Direction indication
4
3
2
1
5
6
7
8
Direction indication
4
3
2
1
5
6
7
8
REFERENCE DATA
1. Max. switching capacity
2. Life curve
30
100
Contact voltage, V
1.0
0.3
DC resistive load
AC resistive load
Switching current, A
0.2
0.4
0.6
0.8
1.0
1.2
100
50
30
40
20
10
0
DC 30V resistive load
AC 125V
resistive load


Similar Part No. - AGQ210A24Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AGQ210A24Z PANASONIC-AGQ210A24Z Datasheet
125Kb / 5P
   High capacity 2 Amp, Flat and Compact package Telephone switchboard
More results

Similar Description - AGQ210A24Z

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AGN20003 NAIS-AGN20003 Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
AGN200A1HZ NAIS-AGN200A1HZ Datasheet
105Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
TF2-3V NAIS-TF2-3V Datasheet
86Kb / 5P
   SMALL POLARIZED RELAY WITH HIGH SENSITIVITY
logo
First Silicon Co., Ltd
FESD24VB17-1006 FS-FESD24VB17-1006 Datasheet
262Kb / 4P
   Ultra small package
2021. 07. 01 Revision No : 0
FESD5V0B03-0201 FS-FESD5V0B03-0201 Datasheet
1Mb / 4P
   Ultra small package
2021. 11. 01 Revision No : 0
logo
List of Unclassifed Man...
TX-S ETC-TX-S Datasheet
362Kb / 6P
   SMALL POLARIZED RELAY WITH HIGH SENSITIVITY 50mW
logo
Renesas Technology Corp
PS2911-1 RENESAS-PS2911-1_16 Datasheet
304Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1_V01 Datasheet
500Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
logo
California Eastern Labs
PS2911-1-F3-M-A CEL-PS2911-1-F3-M-A Datasheet
494Kb / 13P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2911-1 RENESAS-PS2911-1_15 Datasheet
194Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com