Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62600YFFR Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS62600YFFR
Description  500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62600YFFR Datasheet(HTML) 1 Page - Texas Instruments

  TPS62600YFFR Datasheet HTML 1Page - Texas Instruments TPS62600YFFR Datasheet HTML 2Page - Texas Instruments TPS62600YFFR Datasheet HTML 3Page - Texas Instruments TPS62600YFFR Datasheet HTML 4Page - Texas Instruments TPS62600YFFR Datasheet HTML 5Page - Texas Instruments TPS62600YFFR Datasheet HTML 6Page - Texas Instruments TPS62600YFFR Datasheet HTML 7Page - Texas Instruments TPS62600YFFR Datasheet HTML 8Page - Texas Instruments TPS62600YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CSP-6
1
FEATURES
DESCRIPTION
APPLICATIONS
VIN
SW
TPS 6260x
L
CI
2.2
F
m
VO
CO
VI
0.47
H
m
FB
MODE
EN
GND
2.3V..5.5V
1.8V/500mA
4.7
F
m
0.1
1
10
100
1000
I -LoadCurrent-mA
O
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
140
160
180
200
V =3.6V,
V =1.83V
I
O
L =0.5 H(Aircoil),
C =4.7 F
m
m
O
Efficiency
PFM/PWMOperation
PowerLoss
PFM/PWMOperation
TPS62600
TPS62601
www.ti.com ...................................................................................................................................................................................................... SLVS678 – JUNE 2008
500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER
IN CHIP SCALE PACKAGING
23
• 89% Efficiency at 6MHz Operation
• Output Current Up to 500mA
The
TPS6260x
device
is
a
high-frequency
• Wide V
IN Range From 2.3V to 5.5V
synchronous step-down dc-dc converter optimized for
• 6MHz Regulated Frequency Operation
battery-powered portable applications. Intended for
low-power applications, the TPS6260x supports up to
• Best in Class Load and Line Transient
500mA load current, and allows the use of low cost
• ±1.5% Total DC Voltage Accuracy
chip inductor and capacitors.
• Automatic PFM/PWM Mode Switching
With a wide input voltage range of 2.3V to 5.5V, the
• 30µA Quiescent Current
device supports applications powered by Li-Ion
• 35ns Minimum On-Time
batteries with extended voltage range. Different fixed
voltage output versions are available from 1V to 2.5V.
• Internal Soft Start, <200-µs Start-Up Time
• Current Overload and Thermal Shutdown
The TPS6260x operates at a regulated 6-MHz
Protection
switching frequency and enters the power-save mode
operation at light load currents to maintain high
• Three Surface-Mount External Components
efficiency over the entire load current range.
Required (One MLCC Inductor, Two Ceramic
Capacitors)
The PFM mode extends the battery life by reducing
the quiescent current to 30
µA (typ) during light load
• Complete Sub 1-mm Component Profile
and
standby
operation.
For
noise-sensitive
Solution
applications, the device can be forced into fixed
• Total Solution Size <13 mm2
frequency PWM mode by pulling the MODE pin high.
• Available in a 6-Pin NanoFree™ (CSP)
In the shutdown mode, the current consumption is
Packaging
reduced to less than 1
µA.
The TPS6260x is available in an 6-pin chip-scale
package (CSP).
• Cell Phones, Smart-Phones
• PDAs, Pocket PCs
• WLAN and Bluetooth™ Applications
• DVB-H Tuner Applications
• Portable Hard Disk Drives
• DC/DC Micro Modules
Figure 1. Smallest Solution Size Application
Figure 2. Efficiency vs Load Current
(Fixed Output Voltage)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
3
Bluetooth is a trademark of Bluetooth SIG, Inc.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62600YFFR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS626 TOSHIBA-TPS626 Datasheet
178Kb / 4P
   TOSHIBA PHOTO DARLINGTON TRANSISTOR SILICON NPN EPITAXIAL PLANAR
logo
Texas Instruments
TPS62612 TI-TPS62612 Datasheet
770Kb / 26P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62612 TI-TPS62612 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62612 TI-TPS62612 Datasheet
915Kb / 29P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62612YFD TI-TPS62612YFD Datasheet
770Kb / 26P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
More results

Similar Description - TPS62600YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62300 TI-TPS62300 Datasheet
1,004Kb / 31P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62300 TI-TPS62300_07 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62660 TI-TPS62660_15 Datasheet
1Mb / 29P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com