Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW50NB60M Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGW50NB60M
Description  N-CHANNEL 50A - 600V - TO-247 PowerMESH??IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW50NB60M Datasheet(HTML) 4 Page - STMicroelectronics

  STGW50NB60M Datasheet HTML 1Page - STMicroelectronics STGW50NB60M Datasheet HTML 2Page - STMicroelectronics STGW50NB60M Datasheet HTML 3Page - STMicroelectronics STGW50NB60M Datasheet HTML 4Page - STMicroelectronics STGW50NB60M Datasheet HTML 5Page - STMicroelectronics STGW50NB60M Datasheet HTML 6Page - STMicroelectronics STGW50NB60M Datasheet HTML 7Page - STMicroelectronics STGW50NB60M Datasheet HTML 8Page - STMicroelectronics STGW50NB60M Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
STGW50NB60M
4/9
Output Characteristics
Normalized Gate Threshold Voltage vs Temp.
Transconductance
Transfer Characteristics
Switching Off Safe Operating Area
Thermal Impedance


Similar Part No. - STGW50NB60M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW50NB60H STMICROELECTRONICS-STGW50NB60H Datasheet
50Kb / 5P
   N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT
More results

Similar Description - STGW50NB60M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW50NB60H STMICROELECTRONICS-STGW50NB60H Datasheet
50Kb / 5P
   N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT
STGW40NC60V STMICROELECTRONICS-STGW40NC60V Datasheet
319Kb / 9P
   N-CHANNEL 50A - 600V TO-247 Hyper Fast PowerMESH??IGBT
STGW40NC60V STMICROELECTRONICS-STGW40NC60V_04 Datasheet
279Kb / 10P
   N-CHANNEL 50A - 600V - TO-247 Very Fast PowerMESH IGBT
STGW12NB60H STMICROELECTRONICS-STGW12NB60H Datasheet
86Kb / 8P
   N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW12NB60HD STMICROELECTRONICS-STGW12NB60HD Datasheet
90Kb / 8P
   N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
STGW20NB60H STMICROELECTRONICS-STGW20NB60H Datasheet
85Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
STGW20NB60HD STMICROELECTRONICS-STGW20NB60HD Datasheet
90Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
logo
New Jersey Semi-Conduct...
STGW20NB60H NJSEMI-STGW20NB60H Datasheet
114Kb / 3P
   N-CHANNEL20A-600V TO-247 PowerMESH??IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com