Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC6856YQHZC40 Datasheet(PDF) 10 Page - Honeywell Solid State Electronics Center

Part # HC6856YQHZC40
Description  32K x 8 STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HC6856YQHZC40 Datasheet(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button HC6856YQHZC40 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HC6856YQHZC40 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HC6856YQHZC40 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HC6856YQHZC40 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HC6856YQHZC40 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HC6856YQHZC40 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HC6856YQHZC40 Datasheet HTML 10Page - Honeywell Solid State Electronics Center HC6856YQHZC40 Datasheet HTML 11Page - Honeywell Solid State Electronics Center HC6856YQHZC40 Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HC6856
10
PACKAGING
The 32K x 8 SRAM is offered in a custom 36-lead flat pack
(FP), 28-Lead FP, or standard 28-lead DIP. Each package
is constructed of multilayer ceramic (Al
2O3) and features
internal power and ground planes. The 36-lead FP also
features a non-conductive ceramic tie bar on the lead
frame. The purpose of the tie bar is to allow electrical testing
of the device, while preserving the lead integrity during
shipping and handling, up to the point of lead forming and
insertion. Ceramic chip capacitors can be mounted to the
package by the user to maximize supply noise decoupling
and increase board packing density. These capacitors
attach directly to the internal package power and ground
planes. This design minimizes resistance and inductance
of the bond wire and package, both of which are critical in
a transient radiation environment. All NC (no connect) pins
must be connected to either VDD, VSS or an active driver
to prevent charge build up in the radiation environment.
36-LEAD FLAT PACK (22017194-001)
36-LEAD FLAT PACK PINOUT
28-LEAD DIP & FP PINOUT
VDD
NWE
A13
A8
A9
A11
NOE
A10
NCS
DQ7
DQ6
DQ5
DQ4
DQ3
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Top
View
[1] Parts delivered with leads unformed
[2] At tie bar
[3] Lid tied to VSS
A
b
C
D
E
e
F
G
H
I
J
L
0.095 ± 0.010
0.008 ± 0.002
0.005 to 0.0075
0.650 ± 0.010
0.630 ± 0.007
0.025 ± 0.002 [2]
0.425 ± 0.005 [2]
0.525 ± 0.005
0.135 ± 0.005
0.030 ± 0.005
0.080 typ.
0.285 ± 0.015
M
N
O
P
R
S
T
U
V
W
X
Y
0.008 ± 0.003
0.050 ± 0.010
0.090 ref
0.015 ref
0.075 ref
0.113 ± 0.010
0.050 ref
0.030 ref
0.080 ref
0.005 ref
0.450 ref
0.400 ref
All dimensions are in inches [1]
Non-
Conductive
Tie-Bar
b
(width)
e
(pitch)
E
1
H
L
L
Kovar
Lid [3]
Ceramic
Body
A
J
I
C
M
Top
Side
0.004
N
X
Optional
Standoff
1
VSS
VDD
V
S
W
P
U
Y
VDD
VSS
O
T
R
Optional
Capacitors
VSS
VDD
NWE
CE
A13
A8
A9
A11
NOE
A10
NCS
DQ7
DQ6
DQ5
DQ4
DQ3
VDD
VSS
VSS
VDD
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
NC
VDD
VSS
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
Top
View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18


Similar Part No. - HC6856YQHZC40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC68T1M2 INTERSIL-HC68T1M2 Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
HC68T1M2Z INTERSIL-HC68T1M2Z Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
NXP Semiconductors
HC68VBIGRS/D NXP-HC68VBIGRS/D Datasheet
1Mb / 120P
   General Release Specification
Rev. 3.1 08/2005
More results

Similar Description - HC6856YQHZC40

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com