Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC35172N Datasheet(PDF) 8 Page - STMicroelectronics

Part # MC35172N
Description  Low power dual bipolar operational amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC35172N Datasheet(HTML) 8 Page - STMicroelectronics

  MC35172N Datasheet HTML 1Page - STMicroelectronics MC35172N Datasheet HTML 2Page - STMicroelectronics MC35172N Datasheet HTML 3Page - STMicroelectronics MC35172N Datasheet HTML 4Page - STMicroelectronics MC35172N Datasheet HTML 5Page - STMicroelectronics MC35172N Datasheet HTML 6Page - STMicroelectronics MC35172N Datasheet HTML 7Page - STMicroelectronics MC35172N Datasheet HTML 8Page - STMicroelectronics MC35172N Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
MC33172 MC35172
8/9
5
Ordering information
6
Revision history
Table 6.
Order codes
Order code
Temperature
range
Package
Packing
Marking
MC33172N
-40°C, +105°C
DIP8
Tape
MC33172N
MC33172D
MC33172DT
SO-8
Tape or
Tape & reel
33172
MC35172N
-55°C, +125°C
DIP8
Tape
MC35172N
MC35172D
MC35172DT
SO-8
Tape or
Tape & reel
35172
Table 7.
Document revision history
Date
Revision
Changes
24-Nov-2001
1
Initial release.
01-Jul-2008
2
ESD values and latch-up immunity added in Table 1: Absolute
maximum ratings (AMR).


Similar Part No. - MC35172N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC35172N STMICROELECTRONICS-MC35172N Datasheet
50Kb / 5P
   LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
MC35172N STMICROELECTRONICS-MC35172N Datasheet
79Kb / 5P
   LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
November 2001
More results

Similar Description - MC35172N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33172-MC35172 STMICROELECTRONICS-MC33172-MC35172 Datasheet
50Kb / 5P
   LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
MC33172 STMICROELECTRONICS-MC33172 Datasheet
79Kb / 5P
   LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
November 2001
logo
BCD Semiconductor Manuf...
AZ4559 BCDSEMI-AZ4559 Datasheet
146Kb / 10P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558C BCDSEMI-AZ4558C Datasheet
52Kb / 2P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558C BCDSEMI-AZ4558C_06 Datasheet
136Kb / 10P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
MC33171-MC35171 STMICROELECTRONICS-MC33171-MC35171 Datasheet
50Kb / 5P
   LOW POWER SINGLE BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
MC33174-MC35174 STMICROELECTRONICS-MC33174-MC35174 Datasheet
50Kb / 5P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
MC3303 STMICROELECTRONICS-MC3303 Datasheet
322Kb / 11P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
MC33174 STMICROELECTRONICS-MC33174 Datasheet
83Kb / 5P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
April 2002
MC3303 STMICROELECTRONICS-MC3303_01 Datasheet
316Kb / 10P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com